Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

77-059 Datasheet(PDF) 22 Page - Laird Tech Smart Technology

Part # 77-059
Description  BERYLLIUM COPPER SOLUTIONS AND BEYOND.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

77-059 Datasheet(HTML) 22 Page - Laird Tech Smart Technology

Back Button 77-059 Datasheet HTML 18Page - Laird Tech Smart Technology 77-059 Datasheet HTML 19Page - Laird Tech Smart Technology 77-059 Datasheet HTML 20Page - Laird Tech Smart Technology 77-059 Datasheet HTML 21Page - Laird Tech Smart Technology 77-059 Datasheet HTML 22Page - Laird Tech Smart Technology 77-059 Datasheet HTML 23Page - Laird Tech Smart Technology 77-059 Datasheet HTML 24Page - Laird Tech Smart Technology 77-059 Datasheet HTML 25Page - Laird Tech Smart Technology 77-059 Datasheet HTML 26Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS
CLIP-ON SYMMETRICAL SHIELDING
2.9
www.lairdtech.com
All dimensions shown are in inches (millimeters) unless otherwise specified.
Laird Technologies has designed a new clip-on shielding gasket for applications
where bi-directional engagement is required. The 97-636 and 97-637 Clip-On
Symmetrical Shielding Gaskets have been designed to function equally well
in applications requiring sliding movement or direct compression.
• Supplied with standard “D” lance ensuring secure holding power when
snapped into a prefabricated hole
• “D” lance provides both multi-directional grip and excellent conductivity
• Wide radius profile allows for maximum contact with minimum
compression force
• Clip-On feature allows part to be used in high temperature (above 250°F)
applications where adhesives will not function
• Available in our UltraSoft
®, 98-Series low force version
• Ideally suited for cardcage handles, PC board grounding or any other
application requiring clip-on feature and wiping action
• Shielding effectiveness of 100 dB @ 100 MHz
• Available in a wide variety of plating finishes, see page 1-11
• For load/deflection data see pages 2-33
97-636
97-637
FRONT VIEW
16.150 (86 Fingers)
(410.210)
0.018 Slot
(0.457)
0.188 Pitch
(4.775)
0.086 Typ
(2.184)
0.376 Typ
(9.550)
SIDE VIEW
0.0027 Thk (0.069)
0.032 (0.813)
0.018 (0.457)
0.070 (1.778)
0.357 (9.068)
0.050 (1.270)
0.104 (2.642)
TRANSFER IMPEDANCE TEST
PART NO. 97-636
140
120
100
80
60
40
20
0
10K
100K
1M
10M
100M
1G
Frequency (Hz)
— Frequency vs. Shielding Effectiveness @ 50% Comp
A
16.526 (419.760)
0.188 Pitch
(4.775)
0.018 Slot
(0.457)
“D” Lance
0.047 (1.194) Semi-ellipse
X 0.060 (1.524) wide
0.376
(9.550)
0.088
(2.235)
A
0.060
(1.524)
Smallest
Opening
0.554
(14.072)
0.025
(0.635)
SECTION A-A
0.511
(12.979)
0.109
(2.769)
0.070
(1.778)
0.103
(2.616)
COMPRESSION VIEW
97-636
97-637
LT-3034 Metals_catalog
10/8/04
10:30 AM
Page 2.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com