Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

77-059 Datasheet(PDF) 33 Page - Laird Tech Smart Technology

Part # 77-059
Description  BERYLLIUM COPPER SOLUTIONS AND BEYOND.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

77-059 Datasheet(HTML) 33 Page - Laird Tech Smart Technology

Back Button 77-059 Datasheet HTML 29Page - Laird Tech Smart Technology 77-059 Datasheet HTML 30Page - Laird Tech Smart Technology 77-059 Datasheet HTML 31Page - Laird Tech Smart Technology 77-059 Datasheet HTML 32Page - Laird Tech Smart Technology 77-059 Datasheet HTML 33Page - Laird Tech Smart Technology 77-059 Datasheet HTML 34Page - Laird Tech Smart Technology 77-059 Datasheet HTML 35Page - Laird Tech Smart Technology 77-059 Datasheet HTML 36Page - Laird Tech Smart Technology 77-059 Datasheet HTML 37Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS
CLIP-ON LONGITUDINAL GROUNDING STRIP
2.20
www.lairdtech.com
FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS
MINI-LONGITUDINAL GROUNDING GASKET
All dimensions shown are in inches (millimeters) unless otherwise specified.
The Clip-On Longitudinal Grounding Strip combines finger compression with
the direction of motion in the longitudinal axis.
• Ideal for use with rack-mounted, sliding door and slide drawer assemblies
• Clip-on mounting combines ease of installation with impressive retention
strength
• FEA (Finite Element Analysis) design of fingers eliminates the need for left
or right installations
• Asymmetrical finger design with shallow angle provides for bi-directional
engagement
• Available in a wide variety of plating finishes, see page 1-11
• Supplied in standard lengths of 17.000 in. (431.800 mm)
• For load/deflection data, see page 2-33
Available in UltraSoft
® low compression version (98-976).
17.056
(433.222)
0.020
(0.508)
0.295
(7.493)
0.215
(5.461)
0.295
(7.493)
0.175
(4.445)
0.070
(1.778)
0.120 R
(3.048)
0.176
(4.470)
0.060 R
(1.524)
0.788
(20.015)
0.030 R
(0.762)
0.015
(0.381)
Impedance vs. Frequency
Frequency (Hz)
10K
100K
1M
10M
100M
1G
1
Ω
100m
Ω
10m
Ω
1m
Ω
100µ
Ω
10µ
Ω
1µ
Ω
100n
Ω
10n
Ω
100
101
102
103
104
105
106
107
108
0.035
(0.889)
The Mini-Longitudinal Grounding Gasket is designed to accommodate small
applications which often require lower compression forces.
• Allows a longitudinal sliding motion over the length of the gasket
• Ideal for rack-mounted, sliding door or side panel and drawer assemblies
• Mounting methods include conductive tapes, rivets or screws
• Miniaturized design includes extremely narrow width and low
standing height
• Available in a wide variety of plated finishes, see page 1-11
• For load/deflection data, see page 2-33
Available in UltraSoft low compression version (98-974).
16.000 (406.400)
0.500 Pitch
(12.700)
0.325
(8.255)
0.059
(1.499)
0.286 (Ref)
(7.264)
R 0.300
(7.620)
0.145
(3.683)
45°
R 0.050
(1.270)
0.005 Full R (Typ.)
(0.127)
C
L of 0.300 RAD
(7.620)
O
l
0.056 (Ref)
(1.422)
0.080
(2.032)
0.500 Pitch (12.700)
0.180
(4.572)
0.090
(2.286)
See Detail A
DETAIL B
DETAIL A
(Ref)
See Detail B
O
l 0.056
(1.422)
97-974
Impedance vs. Frequency
Frequency (Hz)
10K
100K
1M
10M
100M
1G
1
Ω
100m
Ω
10m
Ω
1m
Ω
100µ
Ω
10µ
Ω
1µ
Ω
100n
Ω
10n
Ω
100
101
102
103
104
105
106
107
108
97-976
LT-3034 Metals_catalog
10/8/04
10:30 AM
Page 2.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com