Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

77-059 Datasheet(PDF) 58 Page - Laird Tech Smart Technology

Part # 77-059
Description  BERYLLIUM COPPER SOLUTIONS AND BEYOND.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

77-059 Datasheet(HTML) 58 Page - Laird Tech Smart Technology

Back Button 77-059 Datasheet HTML 54Page - Laird Tech Smart Technology 77-059 Datasheet HTML 55Page - Laird Tech Smart Technology 77-059 Datasheet HTML 56Page - Laird Tech Smart Technology 77-059 Datasheet HTML 57Page - Laird Tech Smart Technology 77-059 Datasheet HTML 58Page - Laird Tech Smart Technology 77-059 Datasheet HTML 59Page - Laird Tech Smart Technology 77-059 Datasheet HTML 60Page - Laird Tech Smart Technology 77-059 Datasheet HTML 61Page - Laird Tech Smart Technology 77-059 Datasheet HTML 62Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 64 page
background image
METAL CONNECTOR SHIELDS
FIBER OPTIC SHIELD
3.5
www.lairdtech.com
METAL CONNECTOR SHIELDS
GBIC FIBER OPTIC SHIELD
All dimensions shown are in inches (millimeters) unless otherwise specified.
Laird Technologies provides fiber optic shielding, which provides excellent
EMI shielding around the faceplate aperture which houses board mounted
fiber optic transceivers. This EMI shield easily fits over the industry standard
1 x 9 style fiber optic transceiver with a duplex SC connector. The shielded
transceiver is then inserted into the faceplate.
• Fits all 1 x 9 style fiber optic transceivers with duplex SC connectors
• Provides shielding around the faceplate aperture which houses board-
mounted fiber optic transceivers
• Fits most Tyco (AMP) and Methode guide rails common to routers, switches
and other network hardware
• Requires no extra mounting holes or solder
• Provided in stainless steel for high galvanic compatibility
• Simple snap-on assembly
HOW TO ORDER:
To obtain the two piece assembly, order part number 95-702.
1.040 (26.416)
0.519 (13.183)
0.448 (11.379)
2x 0.110 (2.794)
2x 0.130 (3.302)
0.080 (2.032)
2x 0.080 (2.032)
2x 0.400 (10.160)
0.544
(13.818)
SECTION A-A
1.020
(25.908)
0.468
(11.887)
0.520
(13.208)
SECTION B-B
1.050
(26.670)
0.487 (12.370)
Suggested panel cut-out for 1 x 9 transceiver
with 97-727 fiber optic shield.
TOP VIEW
SIDE VIEW
BOTTOM VIEW
95-702
1.200
(30.480)
0.005
(0.127)
0.233
(5.918)
0.275
(6.985)
0.006
(0.152)
Faceplate
1.500
(38.100)
97-727
95-702
97-727
Laird Technologies offers the GBIC Shield for reducing emissions from GBIC
(GigaBit Interface Converter) fiber optic transceivers. Fiber optic transceivers
can be a troublesome source of EMI because they emit high-frequency signals
and are located adjacent to large apertures in the enclosure. The GBIC Fiber
Optic Shield assembly reduces the radiated emissions from the transceivers
by conducting interference current away from the transceiver and onto the
enclosure surface.
Simple assembly of the shield is accomplished by snapping the two shield
halves onto an uninstalled guide rail assembly. The rail is then mounted onto
the printed circuit board in the normal fashion.
Spring finger design on both halves of the GBIC shield provide grounding for
both sides of a transceiver module. In addition, the bottom half fingers can
provide a low impedance connection to the circuit board ground plane.
LT-3034 Metals_catalog
10/8/04
10:31 AM
Page 3.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com