Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

77-059 Datasheet(PDF) 32 Page - Laird Tech Smart Technology

Part # 77-059
Description  BERYLLIUM COPPER SOLUTIONS AND BEYOND.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

77-059 Datasheet(HTML) 32 Page - Laird Tech Smart Technology

Back Button 77-059 Datasheet HTML 28Page - Laird Tech Smart Technology 77-059 Datasheet HTML 29Page - Laird Tech Smart Technology 77-059 Datasheet HTML 30Page - Laird Tech Smart Technology 77-059 Datasheet HTML 31Page - Laird Tech Smart Technology 77-059 Datasheet HTML 32Page - Laird Tech Smart Technology 77-059 Datasheet HTML 33Page - Laird Tech Smart Technology 77-059 Datasheet HTML 34Page - Laird Tech Smart Technology 77-059 Datasheet HTML 35Page - Laird Tech Smart Technology 77-059 Datasheet HTML 36Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS
CLIP-ON PERPENDICULAR SHIELDING
2.19
www.lairdtech.com
FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS
CLIP-ON PERPENDICULAR GROUNDING STRIP
All dimensions shown are in inches (millimeters) unless otherwise specified.
This product offers a clip-on design that permits shielding to a perpendicular surface.
• Finger design allows for continuous contact across the length of the strip
• Clip-on design is ideal where high temperature or other design considerations
preclude the use of adhesive-mounted gasketing
• “D” lance design provides excellent retention of gasket and allows for a
strong omni directional grip
• Supplied in a wide variety of plating finishes, see page 1-11
• Shielding effectiveness of > 80 dB for a 10 MHz plane wave. For load/
deflection data, see page 2-33.
These 97-Series products are also available in UltraSoft
® low compression
force 98-Series.
0.500 Adv.
(12.700)
0.250
(6.350)
Pitch
0.030
(0.762)
Slot
15.97
(405.638)
0.035 Rad.
(0.889)
0.250
(6.350)
0.256
(6.502)
0.544
(13.818)
0.180
(4.572)
30°
Ref.
97-656
97-656
Laird Technologies offers the first clip-on design which allows grounding to
occur between perpendicular surfaces.
• Unique finger extension provides grounding from card or motherboard
to a backplane housing
• Finger height provides wide operating range
• Wide clip-on area with “D” lance gives additional reliable retention
• Available in strip lengths up to 12.000 in. (304.800 mm)
• Available in a wide variety of plating finishes, see page 1-11. For load/
deflection data, see page 2-33.
These 97-Series products are also available in UltraSoft
®, 98-Series.
11.945
(303.403)
0.545
(13.843)
0.168
(4.267)
0.045
(1.143)
Slot
Pitch
0.250
(6.350)
of Lance
& Finger
0.080
(2.032)
CL
45°
R 0.035
(0.889)
0.305
(7.747)
0.212
(5.385)
0.055
(1.397)
0.020
(0.508)
0.129
(3.277)
0.010
(0.254)
R 0.035
(0.889)
97-655
97-655
Impedance vs. Frequency
Frequency (Hz)
10K
100K
1M
10M
100M
1G
1
Ω
100m
Ω
10m
Ω
1m
Ω
100µ
Ω
10µ
Ω
1µ
Ω
100n
Ω
10n
Ω
100
101
102
103
104
105
106
107
108
0.083
(2.108)
LT-3034 Metals_catalog
10/8/04
10:30 AM
Page 2.19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com