Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

77-059 Datasheet(PDF) 57 Page - Laird Tech Smart Technology

Part # 77-059
Description  BERYLLIUM COPPER SOLUTIONS AND BEYOND.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

77-059 Datasheet(HTML) 57 Page - Laird Tech Smart Technology

Back Button 77-059 Datasheet HTML 53Page - Laird Tech Smart Technology 77-059 Datasheet HTML 54Page - Laird Tech Smart Technology 77-059 Datasheet HTML 55Page - Laird Tech Smart Technology 77-059 Datasheet HTML 56Page - Laird Tech Smart Technology 77-059 Datasheet HTML 57Page - Laird Tech Smart Technology 77-059 Datasheet HTML 58Page - Laird Tech Smart Technology 77-059 Datasheet HTML 59Page - Laird Tech Smart Technology 77-059 Datasheet HTML 60Page - Laird Tech Smart Technology 77-059 Datasheet HTML 61Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 64 page
background image
METAL CONNECTOR SHIELDS
IEEE 1394 HORIZONTAL CONNECTOR GASKET
3.4
www.lairdtech.com
All dimensions shown are in inches (millimeters) unless otherwise specified.
Laird Technologies offers an addition to our connector gasket line, part
number 97-787, which is designed to fit all IEEE 1394 horizontal connectors.
Made from copper beryllium, these gaskets provide superior grounding and
reduce emissions from the connector by providing a low-impedance grounding
path from the connector shell to the faceplate.
The gasket is mounted over the top of a horizontal IEEE 1394 connector and
soldered to the board. Contact with both the faceplate and the connector
shell is accomplished once the board is assembled into its housing. These
gaskets can be provided in trays to facilitate pick-and-place assembly onto
the board and wave soldering automation.
• Accommodates a wide range of connector protrusion positions
• Fits all IEEE 1394 horizontal connectors
• Gasket can be placed onto the printed circuit board via pick-and-place
• Packaging to accommodate high-speed assembly is optional
• Simple thru-pin mounting method
• Grounds the connector to the faceplate
• Available in a variety of plating finishes, see page 1-11
0.187
(4.750)
MINIMUM CONNECTOR PROTRUSION
0.314
(7.976)
MAXIMUM CONNECTOR PROTRUSION
0.075
(1.905)
TOP VIEW:
MINIMUM PROTRUSION PCB LAYOUT
0.032
(0.813)
0.536
(13.614)
0.240
(6.096)
0.113
(2.870)
TOP VIEW:
MAXIMUM PROTRUSION PCB LAYOUT
0.098
(2.489)
TOP VIEW
0.157
(3.987)
0.158
(4.013)
0.306
(7.772)
0.138
(3.505)
0.059
(1.499)
0.315
(8.001)
0.164
(4.166)
0.095
(2.413)
0.437
(11.100)
0.540
(13.716)
0.006
(0.152)
Thick
RIGHT SIDE
FRONT VIEW
.0386
(9.804)
MAXIMUM CONNECTOR
PROTRUSION
0.220
(5.588)
MINIMUM CONNECTOR
PROTRUSION
TOP VIEW:
MINIMUM PROTRUSION PCB LAYOUT
0.040
(1.016)
3.74
(9.500)
0.295
(7.493)
0.207
(5.258)
0.039
(0.991)
0.118
(2.997)
0.110
(2.794)
0.276
(7.010)
0.008 Thick
(0.203)
0.118
(2.997)
0.503
(12.776)
0.032
(0.813)
0.295
(7.493)
0.188
(4.775)
0.128
(3.251)
0.032
(0.813)
97-786
97-787
97-786
TOP VIEW
FRONT VIEW
RIGHT SIDE
97-787
TOP VIEW:
MAXIMUM PROTRUSION PCB LAYOUT
LT-3034 Metals_catalog
10/8/04
10:31 AM
Page 3.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com