Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

77-059 Datasheet(PDF) 40 Page - Laird Tech Smart Technology

Part # 77-059
Description  BERYLLIUM COPPER SOLUTIONS AND BEYOND.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

77-059 Datasheet(HTML) 40 Page - Laird Tech Smart Technology

Back Button 77-059 Datasheet HTML 36Page - Laird Tech Smart Technology 77-059 Datasheet HTML 37Page - Laird Tech Smart Technology 77-059 Datasheet HTML 38Page - Laird Tech Smart Technology 77-059 Datasheet HTML 39Page - Laird Tech Smart Technology 77-059 Datasheet HTML 40Page - Laird Tech Smart Technology 77-059 Datasheet HTML 41Page - Laird Tech Smart Technology 77-059 Datasheet HTML 42Page - Laird Tech Smart Technology 77-059 Datasheet HTML 43Page - Laird Tech Smart Technology 77-059 Datasheet HTML 44Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS
CUSTOM STAMPING—DRAWN CAN BOARD LEVEL SHIELDS
2.27
www.lairdtech.com
All dimensions shown are in inches (millimeters) unless otherwise specified.
Laird Technologies™ has added Drawn Cans to its extensive list of board
level shielding solutions. As microprocessor speeds continue to increase,
so does the potential for EMI leakage through the smallest apertures in
board level shields (BLS). Laird Technologies’ Drawn Cans are designed to
provide additional near field and far field circuit isolation (attenuation) at
higher frequencies by eliminating the apertures found in the corners of
traditional BLS solutions. Drawn cans utilize small ground trace sizes,
thereby preserving packaging space on the PC board.
• Solid corner designs when additional circuit isolation (attenuation)
is required at higher frequencies
• Available in heights up to 0.250" (6.350 mm) with length and width
dimensions from 0.300" (7.620 mm) to 2.000" (50.800 mm)
• Unlimited configurations of ventilation holes can be incorporated
into the design
• Tape and reel packaging provides an economical and automated
SMT attachment method
• Available in cold-rolled steel (CRS), brass, stainless steel, and
nickel silver
• Multi-compartmental shielding of components can be achieved
with formed partitions
• Mold-In-Place and Form-In-Place Elastomers can be combined
with drawn cans to achieve shielding of multiple components
with a single part
• Available with an EZ Peel scored lid feature; allows for easy
top section removal for component repair and re-sealing
Laird Technologies can custom design a shield specifically to meet your
requirements or we can utilize your approved design.
Notice: The data set forth in all text, tables, charts, graphs, and figures herein are based
on samples tested and are not guaranteed for all samples or applications. Such data are
intended as guides and do not reflect product specification for any specific part.
PRINTED CIRCUIT BOARD RADIATED TEST PER PDA-PRO-027 REV. A FOR
DRAWN CAN SHIELD W/SOLDER VENTS VS. STANDARD CAN SHIELD
The receive antenna test region from 1 GHz to 10 GHz that defines the
Far-Field and Near-Field is 2.0 inches and 0.190 inches, respectfully, from
the transmit antenna. This test is performed for worst case orientation.
Circuit Isolation is a measurement that defines the resultant attenuation
level in dB provided by a PCB shield from an initial reference level as defined
in Laird test procedure PDA-PRO-027.
LT-3034 Metals_catalog
10/8/04
10:31 AM
Page 2.27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com