Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

77-059 Datasheet(PDF) 27 Page - Laird Tech Smart Technology

Part # 77-059
Description  BERYLLIUM COPPER SOLUTIONS AND BEYOND.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

77-059 Datasheet(HTML) 27 Page - Laird Tech Smart Technology

Back Button 77-059 Datasheet HTML 23Page - Laird Tech Smart Technology 77-059 Datasheet HTML 24Page - Laird Tech Smart Technology 77-059 Datasheet HTML 25Page - Laird Tech Smart Technology 77-059 Datasheet HTML 26Page - Laird Tech Smart Technology 77-059 Datasheet HTML 27Page - Laird Tech Smart Technology 77-059 Datasheet HTML 28Page - Laird Tech Smart Technology 77-059 Datasheet HTML 29Page - Laird Tech Smart Technology 77-059 Datasheet HTML 30Page - Laird Tech Smart Technology 77-059 Datasheet HTML 31Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 64 page
background image
FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS
LARGE ENCLOSURE SERIES
2.14
www.lairdtech.com
FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS
DOUBLE-SIDED CONTACT STRIPS
All dimensions shown are in inches (millimeters) unless otherwise specified.
SERIES
A
B
C
D
E
F
G
H
I
L
APPROX.
REF.
MIN
DIA.
LENGTH
FT. (M)
97-438
1.090
0.250
0.005
0.375
0.040
0.160
0.380
0.140
1.270
0.080
25.000
(27.686) (6.350)
(0.127) (9.525)
(1.016) (4.064)
(9.652) (3.556) (32.258) (2.032)
(7.6)
97-440
1.630
0.410
0.007
0.500
0.040
0.190
0.500
0.140
1.900
0.100
25.000
(41.402) (10.414) (0.178) (12.700) (1.016) (4.826) (12.700) (3.556) (48.260) (2.540)
(7.6)
LARGE ENCLOSURE SERIES
These standard beryllium copper contact gaskets offer ideal RFI/EMI shielding
of doors and movable components in electronic shielded rooms, trailers, computers
and communication equipment.
They have been scientifically designed for wiping closures, but are also usable
in compression applications. Moreover, these contact strips feature extremely
good endurance life, as well as a high deflection range. In tests, attenuation
up to 112 dB has been measured for a 100 MHz plane wave. Fastening of
the strip is usually accomplished using screws or rivets. Soldering is optional.
Both are available in continuous lengths to a maximum of 25.0 ft. (7.6 m) and
in all standard finishes, see page 1-11. For load/deflection data, see page 2-33.
These 97-Series products are also available in UltraSoft
® low compression
force 98-Series.
97-440
97-438
A
B
C
H
D
G
F
E
L
I
Smallest
Opening
KNIFE-EDGE
MOUNT
Mechanically balanced strips with high deflection range and long endurance
life-provide a perfect fit as spring clips hold the gaskets firmly in place. It
means more simplified design and construction of cabinets and enclosures.
Attenuation > 102 dB for a 100 MHz plane wave has been measured using
Series 97-436 gaskets. For standard finishes, see page 1-11. For load/deflection
data, see page 2-33. These 97-Series products are also available in UltraSoft
low compression force 98-Series.
QUICK SPRING CLIP FASTENERS (97-445)
Designed for use with Series 97-436 finger gaskets, spring clip fasteners per-
mit full strip compression. Easy to install, they permit lifting of gasket for
cleaning of contact surface. Packaged in lots of 1,000. Available in standard
finishes, see page 1-11.
97-436
97-436
97-445
97-436
End View
Smallest
Opening
97-436
97-445
0.250
(6.350)
0.120
(3.048)
1.060
(26.924)
0.080
(2.032)
0.004
(0.102)
Free Position
0.940
(23.876)
0.004
(0.102)
0.250 Min.
(6.350)
0.220
(5.588)
1.090
(27.686)
0.060
(1.524)
0.130 x 0.160 Elongated
(3.302 x 4.064) Holes
0.015 Slot
(0.381)
0.375 Pitch
(9.525)
^ Quick Spring Clip Fastener provides full strip
compression; allows lifting of product for cleaning of
contact surface.
LT-3034 Metals_catalog
10/8/04
10:30 AM
Page 2.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com