Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

77-059 Datasheet(PDF) 23 Page - Laird Tech Smart Technology

Part # 77-059
Description  BERYLLIUM COPPER SOLUTIONS AND BEYOND.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

77-059 Datasheet(HTML) 23 Page - Laird Tech Smart Technology

Back Button 77-059 Datasheet HTML 19Page - Laird Tech Smart Technology 77-059 Datasheet HTML 20Page - Laird Tech Smart Technology 77-059 Datasheet HTML 21Page - Laird Tech Smart Technology 77-059 Datasheet HTML 22Page - Laird Tech Smart Technology 77-059 Datasheet HTML 23Page - Laird Tech Smart Technology 77-059 Datasheet HTML 24Page - Laird Tech Smart Technology 77-059 Datasheet HTML 25Page - Laird Tech Smart Technology 77-059 Datasheet HTML 26Page - Laird Tech Smart Technology 77-059 Datasheet HTML 27Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 64 page
background image
FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS
ALL-PURPOSE SERIES
2.10
www.lairdtech.com
All dimensions shown are in inches (millimeters) unless otherwise specified.
I Right angle
versions available
G Strips available
with Magnefil®
# Strips supplied with
teardrop
97-537
97-536
97-538
# 97-500
# 97-520
# 97-540
I 97-545
I 97-535
I 97-505
I 97-525
I 97-544
G 97-548
G 97-510
Patent No. 3,504,095
E
I
C
F
H
G
D
of Finger
K
L
Mounting
Surface
Smallest
Opening
L
A
B
C
Double Adhesive
Transfer Tape
Tip Touches
Mounting Surface
These versatile gaskets are made from high-performance
beryllium copper with Sticky Fingers® self-adhesive
backing. They provide an extremely tight, instant bond
and are ideal as an all-purpose contact strip for metal
cabinets and electronic enclosures, particularly where
space is critical.
Magnetic field shielding effectiveness of these strips has been proven to be
> 46 dB for a 14 kHz plane wave and 108 dB for a 10 GHz plane wave.
When tested per MIL-STD-285 for electromagnetic shielding, these strips
showed superior performance under minimum compression. They proved to
be especially effective where variations exist in the space to be shielded and
in applications that require high shielding performance despite frequent
opening and closing of the cabinet.
Strips 97-500 and 97-538 are furnished in standard lengths of 24.000 in.
(609.600 mm) and in continuous 25.0 ft. (7.6 m) coils. Series 97-520 and
97-540 are supplied in standard 16.000 in. (406.400 mm) lengths and in
25.0 ft. (7.6 m) coils. Strips 97-537, 97-535 and 97-545 are supplied in
12.000 in. (304.800 mm) lengths. All are available in your choice of finishes,
see page 1-11. For load/deflection data, see page 2-33.
Please note that designated strips are available with Magnefil
®
, a rubber
strip filled with magnetic absorbing particles and inserted within the curve
of the fingers. Magnefil provides increased magnetic field shielding.
These 97-Series products are also available in UltraSoft
®
low compression
force 98-Series.
ALL-PURPOSE SERIES
SERIES
A
B
C
D
E
F
G
H
I
J
K
L
APPROX.
APPROX.
MIN.
LENGTH
COIL
FT (M)
97-500
0.600
0.230
0.004
0.375
0.032
0.380
0.310
0.500
0.080
N/A
0.770
0.040
24.000
25.0
(15.240)
(5.842)
(0.102)
(9.525)
(0.813)
(9.652)
(7.874)
(12.700)
(2.032)
—
(19.558) (1.016) (609.600)
(7.6)
97-505
0.600
0.230
0.004
0.375
0.032
0.380
0.310
N/A
0.080
0.500
0.770
0.040
24.000
25.0
(15.240)
(5.842)
(0.102)
(9.525)
(0.813)
(9.652)
(7.874)
—
(2.032) (12.700) (19.558) (1.016) (609.600)
(7.6)
97-510
0.600
0.230
0.004
0.375
0.032
0.380
0.310
0.500
0.080
N/A
0.770
0.040
24.000
25.0
(15.240)
(5.842)
(0.102)
(9.525)
(0.813)
(9.652)
(7.874)
(12.700)
(2.032)
—
(19.558) (1.016) (609.600)
(7.6)
97-520
0.370
0.140
0.003
0.250
0.022
0.250
0.090
0.310
0.060
N/A
0.500
0.070
16.000
25.0
(9.398)
(3.556)
(0.076)
(6.350)
(0.559)
(6.350)
(2.286)
(7.874)
(1.524)
—
(12.700) (1.778) (406.400)
(7.6)
97-525
0.370
0.140
0.003
0.250
0.022
0.250
0.090
N/A
0.060
0.320
0.500
0.070
16.000
25.0
(9.398)
(3.556)
(0.076)
(6.350)
(0.559)
(6.350)
(2.286)
—
(1.524)
(8.128)
(12.700) (1.778) (406.400)
(7.6)
97-527
0.280
0.055
0.002
0.125
0.025
N/A
N/A
0.183
N/A
N/A
0.300
0.040
16.000
N/A
(7.112)
(1.397)
(0.051)
(3.175)
(0.635)
——
(4.648)
——
(7.620)
(1.016) (406.400)
—
97-535
0.780
0.250
0.005
0.375
0.040
0.380
0.380
N/A
0.140
0.480
0.940
0.080
12.000
25.0
(19.812)
(6.350)
(0.127)
(9.525)
(1.016)
(9.652)
(9.652)
—
(3.556) (12.192) (23.876) (2.032) (304.800)
(7.6)
97-536
0.670
0.310
0.004
0.375
0.040
0.380
0.380
0.530
0.140
N/A
0.940
0.140
24.000
25.0
(17.018)
(7.874)
(0.102)
(9.525)
(1.016)
(9.652)
(9.652)
(13.462)
(3.556)
—
(23.876) (3.556) (609.600)
(7.6)
97-537
1.130
0.410
0.007
0.500
0.040
0.500
0.560
0.780
0.140
N/A
1.940
0.100
12.000
N/A
(28.702) (10.414)
(0.178)
(12.700)
(1.016)
(12.700) (14.224)
(19.812)
(3.556)
—
(49.276) (2.540) (304.800)
—
97-538
0.780
0.250
0.005
0.375
0.040
0.380
0.380
0.530
0.140
N/A
0.940
0.080
24.000
25.0
(19.812)
(6.350)
(0.127)
(9.525)
(1.016)
(9.652)
(9.652)
(13.462)
(3.556)
—
(23.876) (2.032) (609.600)
(7.6)
97-540
0.280
0.110
0.003
0.188
0.018
0.190
0.080
0.230
0.060
N/A
0.370
0.065
16.000
25.0
(7.112)
(2.794)
(0.076)
(4.775)
(0.457)
(4.826)
(2.032)
(5.842)
(1.524)
—
(9.398)
(1.651) (406.400)
(7.6)
97-544
0.260
0.110
0.003
0.188
0.018
0.190
0.080
N/A
0.060
0.240
0.370
0.065
16.000
25.0
(6.604)
(2.794)
(0.076)
(4.775)
(0.457)
(4.826)
(2.032)
—
(1.524)
(6.096)
(9.398)
(1.651) (406.400)
(7.6)
97-545
1.130
0.410
0.007
0.500
0.040
0.500
0.560
N/A
0.140
0.750
1.940
0.100
12.000
N/A
(28.702) (10.414)
(0.178)
(12.700)
(1.016)
(12.700) (14.224)
—
(3.556) (19.050) (49.276) (2.540) (304.800)
—
97-548
0.780
0.250
0.005
0.375
0.040
0.380
0.380
0.530
0.140
N/A
0.940
0.080
24.000
25.0
(19.812)
(6.350)
(0.127)
(9.525)
(1.016)
(9.652)
(9.652)
(13.462)
(3.556)
—
(23.876) (2.032) (609.600)
(7.6)
J
LT-3034 Metals_catalog
10/8/04
10:30 AM
Page 2.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com