Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

77-059 Datasheet(PDF) 41 Page - Laird Tech Smart Technology

Part # 77-059
Description  BERYLLIUM COPPER SOLUTIONS AND BEYOND.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

77-059 Datasheet(HTML) 41 Page - Laird Tech Smart Technology

Back Button 77-059 Datasheet HTML 37Page - Laird Tech Smart Technology 77-059 Datasheet HTML 38Page - Laird Tech Smart Technology 77-059 Datasheet HTML 39Page - Laird Tech Smart Technology 77-059 Datasheet HTML 40Page - Laird Tech Smart Technology 77-059 Datasheet HTML 41Page - Laird Tech Smart Technology 77-059 Datasheet HTML 42Page - Laird Tech Smart Technology 77-059 Datasheet HTML 43Page - Laird Tech Smart Technology 77-059 Datasheet HTML 44Page - Laird Tech Smart Technology 77-059 Datasheet HTML 45Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS
CONTACT STRIPS
2.28
www.lairdtech.com
All dimensions shown are in inches (millimeters) unless otherwise specified.
Contact strips are used for grounding and shielding in high-frequency equipment
and for forming large diameter contact rings.
A wide variety of beryllium copper contact strips provides engineers and
designers with flexibility in solving grounding and shielding problems. Various
lengths, widths, thicknesses, contours and hole locations are possible for
many of the standard catalog items shown here.
For standard finishes, see page 1-11. For load/deflection data, see page 2-33.
These 97-Series products are also available in UltraSoft
® low compression
force 98-Series.
Contips®, localized deposits of silver or gold used to enhance conductivity,
are available for our contact strips and contact rings. Contips minimum
thicknesses are: 0.003 in. (0.076 mm) for silver and 0.0003 in. (0.008 mm)
for gold. Please refer to the chart at right for Contips descriptions and suffix
catalog numbers.
1. Contips
2. 100% bond
3. Convex portion of spring
97-117
97-300
FIGURE A
97-115
SIDE VIEW
97-105
FIGURE B
FIGURE C
97-110
97-111
97-112
97-113
97-114
97-116
^ Contips available
on 97-111, 97-112,
97-114 and 97-116 only
^ Contips available
^ Contips available
L
L
L
R
0.190
(4.826)
Fingers
Opposite
0.470 Slot
(1.194)
0.187 Pitch
(4.750)
0.060 R.
(1.524)
0.250
(6.350)
L
L
R
Fingers
Opposite
0.470 Slot
(1.194)
0.187 Pitch
(4.750)
0.060 R.
(1.524)
0.140
(3.556)
0.630
(16.002)
0.187 Pitch (4.750)
0.047 Slot (1.194)
0.060 R.
(1.524)
R.
B
0.920
(23.368)
0.005
(0.127)
0.090
(2.286)
0.015 R.
(0.381)
0.090
(2.286)
0.230
(5.842)
0.050
(1.270)
0.770
(19.558)
0.200 R.
(5.080)
0.005
(0.127)
0.280
(7.112)
0.080
(2.032)
0.090
(2.286)
0.130
(3.302)
0.030
(0.762)
0.890
(22.606)
0.590
(14.986)
0.890
(22.606)
0.005 R.
(0.127)
0.015 R.
(0.381)
0.005
(0.127)
0.660
(16.764)
0.080
(2.032)
0.310
(7.874)
0.090 R.
(2.286)
0.250 R.
(6.350)
0.130 R.
(3.302)
0.130 R.
(3.302)
0.005
(0.127)
0.130 R.
(3.302)
0.005
(0.127)
0.130 R.
(3.302)
0.130
(3.302)
0.030
(0.762)
0.300
(7.620)
0.780
(19.812)
0.190 (4.826)
0.130 R.
(3.302)
0.080
(2.032)
0.550
(13.970)
0.090
(2.286)
0.630
(16.002)
0.060 R.
(1.524)
0.890
(22.606
)
0.130 R.
(3.302)
0.005
(0.127)
0.130
(3.302)
0.030
(0.762)
0.270
(6.858)
0.200
(5.080)
R
0.450
(11.430)
0.005
(0.127)
0.090 Spher. R.
(2.286)
0.090 Spher. R.
(2.286)
0.187 Pitch
(4.750)
0.047 Slot
(1.194)
0.050 R
(1.270)
0.165 Pitch
(4.191)
0.040 Slot
(1.016)
0.050
(1.270) 0.030
(0.762)
0.220
(5.588)
0.005
(0.127)
0.060
(1.524)
0.920
(23.368)
0.660
(16.764)
0.005
(0.127)
0.770
(19.558)
0.090 R.
(2.286)
0.060 R. (1.524)
0.090
(2.286)
0.890
(22.606)
0.630
(16.002)
45°
CONTIPS DESCRIPTION
ADD SUFFIX TO
CATALOG NUMBER
Silver Contips only
11
Silver Contips plus silver plating
12
Gold Contips only
13
Gold Contips plus gold plating
14
Gold Contips plus silver plating
20
LT-3034 Metals_catalog
10/8/04
10:31 AM
Page 2.28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com