Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2550-RTY1 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # CC2550-RTY1
Description  Single Chip Low Cost Low Power RF Transmitter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2550-RTY1 Datasheet(HTML) 30 Page - Texas Instruments

Back Button CC2550-RTY1 Datasheet HTML 26Page - Texas Instruments CC2550-RTY1 Datasheet HTML 27Page - Texas Instruments CC2550-RTY1 Datasheet HTML 28Page - Texas Instruments CC2550-RTY1 Datasheet HTML 29Page - Texas Instruments CC2550-RTY1 Datasheet HTML 30Page - Texas Instruments CC2550-RTY1 Datasheet HTML 31Page - Texas Instruments CC2550-RTY1 Datasheet HTML 32Page - Texas Instruments CC2550-RTY1 Datasheet HTML 33Page - Texas Instruments CC2550-RTY1 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 55 page
background image
CC2550
PRELIMINARY Data Sheet (Rev.1.2)
SWRS039A
Page 30 of 54
Component
CL= 10pF
CL=13pF
CL=16pF
C51
15 pF
22 pF
27 pF
C71
15 pF
22 pF
27 pF
Table 21: Crystal oscillator component values
22.1
Reference Signal
The chip can alternatively be operated with a
reference signal from 26 to 27 MHz instead of
a crystal. This input clock can either be a full-
swing digital signal (0 V to VDD) or a sine
wave of maximum 1 V peak-peak amplitude.
The reference signal must be connected to the
XOSC_Q1 input. The sine wave must be
connected to XOSC_Q1 using a serial
capacitor. The XOSC_Q2 line must be left un-
connected. C51 and C71 can be omitted when
using a reference signal
23
External RF Match
The balanced RF output of
CC2550 is designed
for a simple, low-cost matching and balun
network on the printed circuit board. A few
passive external components ensure proper
matching.
Although
CC2550 has a balanced RF output,
the chip can be connected to a single-ended
antenna with few external low cost capacitors
and inductors.
The
passive
matching/filtering
network
connected to
CC2550 should have the following
differential impedance as seen from the RF-
port (RF_P and RF_N) towards the antenna:
Zout = 80 + j74 Ω
To ensure optimal matching of the
CC2550
differential output it is highly recommended to
follow the CC2550EM reference designs as
closely as possible. Gerber files for the
reference designs are available for download
from the TI and Chipcon websites.
24
General Purpose / Test Output Control Pins
The two digital output pins GDO0 and GDO1 are
general control pins. Their functions are
programmed by IOCFG0.GDO0_CFG
and
IOCFG1.GDO1_CFG
respectively. Table 22
shows the different signals that can be
monitored on the GDO pins. These signals can
be used as an interrupt to the MCU. GDO1 is
the same pin as the SO pin on the SPI
interface, thus the output programmed on this
pin will only be valid when CSn is high. The
default value for GDO1 is 3-stated, which is
useful when the SPI interface is shared with
other devices.
The default value for GDO0 is a 135-141 kHz
clock output (XOSC frequency divided by 192).
Since the XOSC is turned on at power-on-
reset, this can be used to clock the MCU in
systems with only one crystal. When the MCU
is up and running, it can change the clock
frequency by writing to IOCFG0.GDO0_CFG.
An on-chip analog temperature sensor is
enabled by writing the value 128 (0x80h) to the
IOCFG0.GDO0_CFG
register. The voltage on
the
GDO0
pin
is
then
proportional
to
temperature. See Section 4.5 on page 7 for
temperature sensor specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com