Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2550-RTY1 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # CC2550-RTY1
Description  Single Chip Low Cost Low Power RF Transmitter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2550-RTY1 Datasheet(HTML) 26 Page - Texas Instruments

Back Button CC2550-RTY1 Datasheet HTML 22Page - Texas Instruments CC2550-RTY1 Datasheet HTML 23Page - Texas Instruments CC2550-RTY1 Datasheet HTML 24Page - Texas Instruments CC2550-RTY1 Datasheet HTML 25Page - Texas Instruments CC2550-RTY1 Datasheet HTML 26Page - Texas Instruments CC2550-RTY1 Datasheet HTML 27Page - Texas Instruments CC2550-RTY1 Datasheet HTML 28Page - Texas Instruments CC2550-RTY1 Datasheet HTML 29Page - Texas Instruments CC2550-RTY1 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 55 page
background image
CC2550
PRELIMINARY Data Sheet (Rev.1.2)
SWRS039A
Page 26 of 54
Figure 17 shows the number of bytes in the TX
FIFO when the threshold flag toggles, in the
case of FIFO_THR=13. Figure 16 shows the
flag as the FIFO is filled above the threshold,
and then drained below.
6
7
8
9
6
7
8
9
10
NUM_TXBYTES
GDO
Figure 16: FIFO_THR=13 vs. number of bytes
in FIFO (GDOx_CFG=0x02)
FIFO_THR
Bytes in TX FIFO
0 (0000)
61
1 (0001)
57
2 (0010)
53
3 (0011)
49
4 (0100)
45
5 (0101)
41
6 (0110)
37
7 (0111)
33
8 (1000)
29
9 (1001)
25
10 (1010)
21
11 (1011)
17
12 (1100)
13
13 (1101)
9
14 (1110)
5
15 (1111)
1
Table 19: FIFO_THR settings and the
corresponding FIFO thresholds
8 bytes
Underflow
margin
FIFO_THR=13
TXFIFO
Figure 17: Example of FIFO at threshold
18
Frequency Programming
The frequency programming in
CC2550 is
designed
to
minimize
the
programming
needed in a channel-oriented system.
To set up a system with channel numbers, the
desired channel spacing is programmed with
the
MDMCFG0.CHANSPC_M
and
MDMCFG1.CHANSPC_E
registers. The channel
spacing registers are mantissa and exponent
respectively.
The base or start frequency is set by the 24 bit
frequency word located in the FREQ2, FREQ1
and FREQ0 registers. This word will typically
be set to the centre of the lowest channel
frequency that is to be used.
The desired channel number is programmed
with the 8-bit channel number register,
CHANNR.CHAN
, which is multiplied by the
channel offset. The resultant carrier frequency
is given by:
()
(
)
()
2
_
16
2
_
256
2
−
⋅
+
⋅
+
⋅
=
E
CHANSPC
XOSC
carrier
M
CHANSPC
CHAN
FREQ
f
f
With a 26 MHz crystal the maximum channel
spacing is 405 kHz. To get e.g. 1 MHz channel
spacing one solution is to use 333 kHz
channel spacing and select each third channel
in CHANNR.CHAN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com