Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2550-RTY1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CC2550-RTY1
Description  Single Chip Low Cost Low Power RF Transmitter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2550-RTY1 Datasheet(HTML) 5 Page - Texas Instruments

  CC2550-RTY1 Datasheet HTML 1Page - Texas Instruments CC2550-RTY1 Datasheet HTML 2Page - Texas Instruments CC2550-RTY1 Datasheet HTML 3Page - Texas Instruments CC2550-RTY1 Datasheet HTML 4Page - Texas Instruments CC2550-RTY1 Datasheet HTML 5Page - Texas Instruments CC2550-RTY1 Datasheet HTML 6Page - Texas Instruments CC2550-RTY1 Datasheet HTML 7Page - Texas Instruments CC2550-RTY1 Datasheet HTML 8Page - Texas Instruments CC2550-RTY1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
CC2550
PRELIMINARY Data Sheet (Rev.1.2)
SWRS039A
Page 5 of 54
2
Operating Conditions
The operating conditions for
CC2550 are listed Table 2 in below.
Parameter
Min
Max
Unit
Condition
Operating temperature
–40
85
°C
Operating supply voltage
1.8
3.6
V
All supply pins must have the same voltage
Table 2: Operating conditions
3
General Characteristics
Parameter
Min
Typ
Max
Unit
Condition/Note
Frequency range
2400
2483.5
MHz
There will be spurious signals at n/2·crystal oscillator
frequency (n is an integer number). RF frequencies at
n/2·crystal oscillator frequency should therefore not be
used (e.g. 2405, 2418, 2444, 2457, 2470 and 2483 MHz
when using a 26 MHz crystal). Please refer to the
CC2550
Errata Note for more details.
Data rate
1.2
1.2
26
500
250
500
kbps
kbps
kbps
FSK
GFSK and OOK
(Shaped) MSK (also known as differential offset QPSK)
Optional Manchester encoding (halves the data rate).
Table 3: General characteristics
4
Electrical Specifications
4.1
Current Consumption
Tc = 25
°C, VDD = 3.0 V if nothing else stated. All measurement results obtained using the CC2550EM reference design.
Parameter
Min
Typ
Max
Unit
Condition
200
nA
Voltage regulator to digital part off (SLEEP state)
Current consumption in power
down modes
160
µA
Voltage regulator to digital part on, all other modules in power
down (XOFF state)
1.4
mA
Only voltage regulator to digital part and crystal oscillator running
(IDLE state)
Current consumption
7.3
mA
Only the frequency synthesizer running (after going from IDLE
until reaching TX state, and frequency calibration states)
11.2
mA
Transmit mode, –12 dBm output power (TX state)
14.7
mA
Transmit mode, -6 dBm output power (TX state)
19.4
mA
Transmit mode, 0 dBm output power (TX state)
Current consumption, TX states
21.3
mA
Transmit mode, +1 dBm output power (TX state)
Table 4: Current consumption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com