Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2550-RTY1 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # CC2550-RTY1
Description  Single Chip Low Cost Low Power RF Transmitter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2550-RTY1 Datasheet(HTML) 24 Page - Texas Instruments

Back Button CC2550-RTY1 Datasheet HTML 20Page - Texas Instruments CC2550-RTY1 Datasheet HTML 21Page - Texas Instruments CC2550-RTY1 Datasheet HTML 22Page - Texas Instruments CC2550-RTY1 Datasheet HTML 23Page - Texas Instruments CC2550-RTY1 Datasheet HTML 24Page - Texas Instruments CC2550-RTY1 Datasheet HTML 25Page - Texas Instruments CC2550-RTY1 Datasheet HTML 26Page - Texas Instruments CC2550-RTY1 Datasheet HTML 27Page - Texas Instruments CC2550-RTY1 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
CC2550
PRELIMINARY Data Sheet (Rev.1.2)
SWRS039A
Page 24 of 54
sequences must be followed: Automatic
power-on reset (POR) or manual reset.
16.1.1 Automatic POR
A power-on reset circuit is included in the
CC2550. The minimum requirements stated in
Section 4.7 must be followed for the power-on
reset to function properly. The internal power-
up sequence is completed when CHIP_RDYn
goes low. CHIP_RDYn is observed on the SO
pin after CSn is pulled low. See Section 10.1
for more details on CHIP_RDYn.
When the
CC2550 reset is completed the chip
will be in the IDLE state and the crystal
oscillator running. If the chip has had sufficient
time for the crystal oscillator and voltage
regulator to stabilize after the power-on-reset,
the SO pin will go low immediately after taking
CSn
low. If CSn is taken low before reset is
completed the SO pin will first go high,
indicating that the crystal oscillator and voltage
regulator is not stabilized, before going low as
shown in Figure 14.
CSn
SO
XOSC and voltage
regulator stabilized
Figure 14: Power-on reset
16.1.2 Manual Reset
The other global reset possibility on
CC2550 is
the SRES command strobe. By issuing this
strobe, all internal registers and states are set
to the default, IDLE state. The manual power-
up sequence is as follows (see Figure 15):
•
Set SCLK=1 and SI=0, to avoid potential
problems with pin control mode (see
Section 11.2 on page 17).
•
Strobe CSn low / high.
•
Hold CSn high for at least 40 µs relative to
pulling CSn low
•
Pull CSn low and wait for SO to go low
(CHIP_RDYn).
•
Issue the SRES strobe on the SI line.
•
When SO goes low again, reset is
complete and the chip is in the IDLE state.
CSn
SO
XOSC and voltage
regulator stabilized
XOSC and voltage regulator switched on
SI
SRES
40 us
Figure 15: Power-on reset with SRES
Note that the above reset procedure is only
required just after the power supply is first
turned on. If the user wants to reset the
CC2550 after this, it is only necessary to issue
an SRES command strobe.
16.2
Crystal Control
The crystal oscillator is automatically turned on
when CSn goes low. It will be turned off if the
SXOFF
or SPWD command strobes are issued;
the state machine then goes to XOFF or
SLEEP respectively. This can be done from
any state. The XOSC will be turned off when
CSn
is released (goes high). The XOSC will be
automatically turned on again when CSn goes
low. The state machine will then go to the
IDLE state. The SO pin on the SPI interface
must be zero before the SPI interface is ready
to be used; as described in Section 10.1 on
page 15.
Crystal oscillator start-up time depends on
crystal ESR and load capacitances. The
electrical specification for the crystal oscillator
can be found in Section 4.3 on page 6.
16.3
Voltage Regulator Control
The voltage regulator to the digital core is
controlled by the radio controller. When the
chip enters the SLEEP state, which is the state
with the lowest current consumption, the
voltage regulator is disabled. This occurs after
CSn
is released when a SPWD command
strobe has been sent on the SPI interface. The
chip is now in the SLEEP state. Setting CSn
low again will turn on the regulator and crystal
oscillator and make the chip enter the IDLE
state.
All
CC2550 register values (with the exception
of the MCSM0.PO_TIMEOUT field) are lost in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com