Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2550-RTY1 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # CC2550-RTY1
Description  Single Chip Low Cost Low Power RF Transmitter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2550-RTY1 Datasheet(HTML) 38 Page - Texas Instruments

Back Button CC2550-RTY1 Datasheet HTML 34Page - Texas Instruments CC2550-RTY1 Datasheet HTML 35Page - Texas Instruments CC2550-RTY1 Datasheet HTML 36Page - Texas Instruments CC2550-RTY1 Datasheet HTML 37Page - Texas Instruments CC2550-RTY1 Datasheet HTML 38Page - Texas Instruments CC2550-RTY1 Datasheet HTML 39Page - Texas Instruments CC2550-RTY1 Datasheet HTML 40Page - Texas Instruments CC2550-RTY1 Datasheet HTML 41Page - Texas Instruments CC2550-RTY1 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 55 page
background image
CC2550
PRELIMINARY Data Sheet (Rev.1.2)
SWRS039A
Page 38 of 54
27.1
Configuration Register Details
0x01: IOCFG1 – GDO1 output pin configuration
Bit
Field Name
Reset
R/W
Description
7
GDO_DS
0
R/W
Set high (1) or low (0) output drive strength on the
GDO pins.
6
GDO1
_INV
0
R/W
Invert output, i.e. select active low / high
5:0
GDO1
_CFG[5:0]
46 (0x2E)
R/W
Default is 3-state (see Table 22 on page 31)
0x02: IOCFG0 – GDO0 output pin configuration
Bit
Field Name
Reset
R/W
Description
7
TEMP_SENSOR_ENABLE
0
R/W
Enable analog temperature sensor. Write 0 in all
other register bits when using temperature sensor.
6
GDO0
_INV
0
R/W
Invert output, i.e. select active low / high
5:0
GDO0
_CFG[5:0]
63 (0x3F)
R/W
Default is CLK_XOSC/192 (see Table 22 on page
31)
0x03: FIFOTHR – FIFO threshold
Bit
Field Name
Reset
R/W
Description
7:4
Reserved
0 (0000)
R/W
Write 0 (0000) for compatibility with possible future
extensions.
3:0
FIFO_THR[3:0]
7 (0111)
R/W
Set the threshold for the TX FIFO. The threshold is
exceeded when the number of bytes in the FIFO is equal to
or higher than the threshold value.
Setting
Bytes in TX FIFO
0 (0000)
61
1 (0001)
57
2 (0010)
53
3 (0011)
49
4 (0100)
45
5 (0101)
41
6 (0110)
37
7 (0111)
33
8 (1000)
29
9 (1001)
25
10 (1010)
21
11 (1011)
17
12 (1100)
13
13 (1101)
9
14 (1110)
5
15 (1111)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com