Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2550-RTY1 Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # CC2550-RTY1
Description  Single Chip Low Cost Low Power RF Transmitter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2550-RTY1 Datasheet(HTML) 51 Page - Texas Instruments

Back Button CC2550-RTY1 Datasheet HTML 47Page - Texas Instruments CC2550-RTY1 Datasheet HTML 48Page - Texas Instruments CC2550-RTY1 Datasheet HTML 49Page - Texas Instruments CC2550-RTY1 Datasheet HTML 50Page - Texas Instruments CC2550-RTY1 Datasheet HTML 51Page - Texas Instruments CC2550-RTY1 Datasheet HTML 52Page - Texas Instruments CC2550-RTY1 Datasheet HTML 53Page - Texas Instruments CC2550-RTY1 Datasheet HTML 54Page - Texas Instruments CC2550-RTY1 Datasheet HTML 55Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 51 / 55 page
background image
CC2550
PRELIMINARY Data Sheet (Rev.1.2)
SWRS039A
Page 51 of 54
28.4
Tray specification
CC2550 can be delivered in standard QLP 4x4 mm shipping trays.
Tray Specification
Package
Tray Width
Tray Height
Tray Length
Units per Tray
QLP 16
125.9 mm
7.62 mm
322.6 mm
490
Table 29: Tray specification
28.5
Carrier tape and reel specification
Carrier tape and reel is in accordance with EIA Specification 481.
Tape and Reel Specification
Package
Tape Width
Component
Pitch
Hole
Pitch
Reel
Diameter
Units per Reel
QLP 16
12 mm
8 mm
4 mm
13 inches
2500
Table 30: Carrier tape and reel specification
29
Ordering Information
Chipcon Part
Number
TI Part Number
Description
Minimum Order Quantity
(MOQ)
CC2550-RTY1
CC2550RTK
CC2550 QLP16 RoHS Pb-free 490/tray
490 (tray)
CC2550-RTR1
CC2550RTKR
CC2550 QLP16 RoHS Pb-free 2500/T&R
2500 (tape and reel)
CC2500-CC2550DK
CC2500-CC2550DK
CC2500_CC2550 Development Kit
1
CC2550EMK
CC2550EMK
CC2500 Evaluation Module Kit
1
Table 31: Ordering information
30
General Information
30.1
Document History
Revision
Date
Description/Changes
1.2
2006-06-28 Added figures to table on SPI interface timing requirements.
Added information about SPI read.
Updates to text and included new figure in section on arbitrary length configuration.
Added information that RF frequencies at n/2·crystal frequency (n is an integer number)
should not be used due to spurious signals at these frequencies .
Updates to text and included new figures in section on power-on start-up sequence.
Added information about how to check for PLL lock in section on VCO.
Better explanation of some of the signals in table of GDO signal selection.
Added section on wideband modulation not using spread spectrum under section on
system considerations and guidelines.
Added more detailed information on PO_TIMEOUT in register MCSM0.
Changes to ordering information.
1.1
2005-06-27 Updated TEST1 register default value. 26-27 MHz crystal range. Added matching
information. Added information about using a reference signal instead of a crystal.
1.0
2005-01-24 First preliminary data sheet release.
Table 32: Document history



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com