Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2550-RTY1 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # CC2550-RTY1
Description  Single Chip Low Cost Low Power RF Transmitter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2550-RTY1 Datasheet(HTML) 25 Page - Texas Instruments

Back Button CC2550-RTY1 Datasheet HTML 21Page - Texas Instruments CC2550-RTY1 Datasheet HTML 22Page - Texas Instruments CC2550-RTY1 Datasheet HTML 23Page - Texas Instruments CC2550-RTY1 Datasheet HTML 24Page - Texas Instruments CC2550-RTY1 Datasheet HTML 25Page - Texas Instruments CC2550-RTY1 Datasheet HTML 26Page - Texas Instruments CC2550-RTY1 Datasheet HTML 27Page - Texas Instruments CC2550-RTY1 Datasheet HTML 28Page - Texas Instruments CC2550-RTY1 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
CC2550
PRELIMINARY Data Sheet (Rev.1.2)
SWRS039A
Page 25 of 54
the SLEEP state. After the chip gets back to
the IDLE state, the registers will have default
(reset) contents and must be reprogrammed
over the SPI interface.
16.4
Active Mode
The active transmit mode is activated by the
MCU by using the STX command strobe.
The frequency synthesizer must be calibrated
regularly.
CC2550 has one manual calibration
option (using the SCAL strobe), and three
automatic calibration options, controlled by the
MCSM0.FS_AUTOCAL
setting:
•
Calibrate when going from IDLE to TX
(or FSTXON)
•
Calibrate when going from TX to IDLE
•
Calibrate every fourth time when going
from TX to IDLE
The calibration takes a constant number of
XOSC cycles (see Table 18 for timing details).
When TX is active, the chip will remain in the
TX state until the current packet has been
successfully transmitted. Then the state will
change
as
indicated
by
the
MCSM1.TXOFF_MODE
setting. The possible
destinations are:
•
IDLE
•
FSTXON: Frequency synthesizer on
and ready at the TX frequency.
Activate TX with STX.
•
TX: Start sending preambles
The SIDLE command strobe can always be
used to force the radio controller to go to the
IDLE state.
16.5
Timing
The radio controller controls most timing in
CC2550, such as synthesizer calibration and
PLL lock. Timing from IDLE to TX is constant,
dependent on the auto calibration setting. The
calibration time is constant 18739 clock
periods. Table 18 shows timing in crystal clock
cycles for key state transitions.
Power on time and XOSC start-up times are
variable, but within the limits stated in Table 6.
Note that in a frequency hopping spread
spectrum or a multi-channel protocol the
calibration time can be reduced from 721 µs to
approximately 150 µs. This is explained in
Section 26.2.
Description
XOSC
periods
26 MHz
crystal
Idle to TX/FSTXON, no calibration
2298
88.4 µs
Idle to TX/FSTXON, with calibration
~21037
809 µs
TX to IDLE, no calibration
2
0.1 µs
TX to IDLE, including calibration
~18739
721 µs
Manual calibration
~18739
721 µs
Table 18: State transition timing
17
Data FIFO
The
CC2550 contains a 64 byte FIFO for data
to be transmitted. The SPI interface is used for
writing to the TX FIFO. Section 10.5 contains
details on the SPI FIFO access. The FIFO
controller will detect underflow in the TX FIFO.
When writing to the TX FIFO it is the
responsibility of the MCU to avoid TX FIFO
overflow. A TX FIFO overflow will result in an
error in the TX FIFO content.
The chip status byte that is available on the SO
pin while transferring the SPI address contains
the fill grade of the TX FIFO. Section 10.1 on
page 15 contains more details on this.
The number of bytes in the TX FIFO can also
be read from the TXBYTES.NUM_TXBYTES
status register.
The 4-bit FIFOTHR.FIFO_THR setting is used
to program the FIFO threshold point. Table 19
lists the 16 FIFO_THR settings and the
corresponding thresholds for the TX FIFO.
A flag will assert when the number of bytes in
the FIFO is equal to or higher than the
programmed threshold. The flag is used to
generate the FIFO status signals that can be
viewed on the GDO pins (see Section 24 on
page 30).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com