Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2550-RTY1 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # CC2550-RTY1
Description  Single Chip Low Cost Low Power RF Transmitter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2550-RTY1 Datasheet(HTML) 42 Page - Texas Instruments

Back Button CC2550-RTY1 Datasheet HTML 38Page - Texas Instruments CC2550-RTY1 Datasheet HTML 39Page - Texas Instruments CC2550-RTY1 Datasheet HTML 40Page - Texas Instruments CC2550-RTY1 Datasheet HTML 41Page - Texas Instruments CC2550-RTY1 Datasheet HTML 42Page - Texas Instruments CC2550-RTY1 Datasheet HTML 43Page - Texas Instruments CC2550-RTY1 Datasheet HTML 44Page - Texas Instruments CC2550-RTY1 Datasheet HTML 45Page - Texas Instruments CC2550-RTY1 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 55 page
background image
CC2550
PRELIMINARY Data Sheet (Rev.1.2)
SWRS039A
Page 42 of 54
0x13: MDMCFG1 – Modulator configuration
Bit
Field Name
Reset
R/W
Description
7
FEC_EN
0
R/W
Enable Forward Error Correction (FEC) with interleaving for
packet payload
0 = Disable
1 = Enable
6:4
NUM_PREAMBLE[2:0]
2 (010)
R/W
Sets the minimum number of preamble bytes to be
transmitted
Setting
Number of preamble bytes
0 (000)
2
1 (001)
3
2 (010)
4
3 (011)
6
4 (100)
8
5 (101)
12
6 (110)
16
7 (111)
24
3:2
Reserved
R0
1:0
CHANSPC_E[1:0]
2 (10)
R/W
2 bit exponent of channel spacing
0x14: MDMCFG0 – Modulator configuration
Bit
Field Name
Reset
R/W
Description
7:0
CHANSPC_M[7:0]
248 (0xF8)
R/W
8-bit mantissa of channel spacing (initial 1 assumed). The
channel spacing is multiplied by the channel number CHAN and
added to the base frequency. It is unsigned and has the format:
()
CHAN
M
CHANSPC
f
f
E
CHANSPC
XOSC
CHANNEL
⋅
⋅
+
⋅
=
∆
_
18
2
_
256
2
The default values give 199.951 kHz channel spacing (the
closest setting to 200 kHz), assuming 26.0 MHz crystal
frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com