Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2550-RTY1 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # CC2550-RTY1
Description  Single Chip Low Cost Low Power RF Transmitter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2550-RTY1 Datasheet(HTML) 43 Page - Texas Instruments

Back Button CC2550-RTY1 Datasheet HTML 39Page - Texas Instruments CC2550-RTY1 Datasheet HTML 40Page - Texas Instruments CC2550-RTY1 Datasheet HTML 41Page - Texas Instruments CC2550-RTY1 Datasheet HTML 42Page - Texas Instruments CC2550-RTY1 Datasheet HTML 43Page - Texas Instruments CC2550-RTY1 Datasheet HTML 44Page - Texas Instruments CC2550-RTY1 Datasheet HTML 45Page - Texas Instruments CC2550-RTY1 Datasheet HTML 46Page - Texas Instruments CC2550-RTY1 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 55 page
background image
CC2550
PRELIMINARY Data Sheet (Rev.1.2)
SWRS039A
Page 43 of 54
0x15: DEVIATN – Modulator deviation setting
Bit
Field Name
Reset
R/W
Description
7
Reserved
R0
6:4
DEVIATION_E[2:0]
4 (100)
R/W
Deviation exponent
3
Reserved
R0
2:0
DEVIATION_M[2:0]
7 (111)
R/W
When MSK modulation is enabled:
Sets fraction of symbol period used for phase change.
When FSK modulation is enabled:
Deviation mantissa, interpreted as a 4-bit value with MSB
implicit 1. The resulting FSK deviation is given by:
E
DEVIATION
xosc
dev
M
DEVIATION
f
f
_
17
2
)
_
8
(
2
⋅
+
⋅
=
The default values give ±47.607 kHz deviation, assuming
26.0 MHz crystal frequency.
0x17: MCSM1 – Main Radio Control State Machine configuration
Bit
Field Name
Reset
R/W
Description
7:6
Reserved
R0
5:2
Reserved
R0
Defined on the transceiver version
1:0
TXOFF_MODE[1:0]
0 (00)
R/W
Select what should happen when a packet has been sent
(TX)
Setting
Next state after finishing packet transmission
0 (00)
IDLE
1 (01)
FSTXON
2 (10)
Stay in TX (start sending preamble)
3 (11)
Do not use, not implemented on
CC2550
(Go to RX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com