Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2550-RTY1 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # CC2550-RTY1
Description  Single Chip Low Cost Low Power RF Transmitter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2550-RTY1 Datasheet(HTML) 28 Page - Texas Instruments

Back Button CC2550-RTY1 Datasheet HTML 24Page - Texas Instruments CC2550-RTY1 Datasheet HTML 25Page - Texas Instruments CC2550-RTY1 Datasheet HTML 26Page - Texas Instruments CC2550-RTY1 Datasheet HTML 27Page - Texas Instruments CC2550-RTY1 Datasheet HTML 28Page - Texas Instruments CC2550-RTY1 Datasheet HTML 29Page - Texas Instruments CC2550-RTY1 Datasheet HTML 30Page - Texas Instruments CC2550-RTY1 Datasheet HTML 31Page - Texas Instruments CC2550-RTY1 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
CC2550
PRELIMINARY Data Sheet (Rev.1.2)
SWRS039A
Page 28 of 54
21
Output Power Programming
The RF output power level from the device has
two levels of programmability, as illustrated in
Figure 18. Firstly, the special PATABLE
register can hold up to eight user selected
output power settings. Secondly, the 3-bit
FREND0.PA_POWER
value
selects
the
PATABLE
entry
to
use.
This
two-level
functionality provides flexible PA power ramp
up and ramp down at the start and end of
transmission. All the PA power settings in the
PATABLE
from
index
0
up
to
the
FREND0.PA_POWER
value are used.
The power ramping at the start and at the end
of a packet can be turned off by setting
FREND0.PA_POWER
to
0
and
then
programming the desired output power to
index 0 in the PATABLE.
Table 20 contains recommended PATABLE
settings
for
various
output
levels
and
frequency bands. See Section 10.6 on page
16 for PATABLE programming details.
PATABLE
must be programmed in burst mode
if you want to write to other entries than
PATABLE[0].
e.g 6
PA_POWER[2:0]
in FREND0 register
PATABLE(0)[7:0]
PATABLE(1)[7:0]
PATABLE(2)[7:0]
PATABLE(3)[7:0]
PATABLE(4)[7:0]
PATABLE(5)[7:0]
PATABLE(6)[7:0]
PATABLE(7)[7:0]
Index into PATABLE(7:0)
The PA uses this
setting.
Settings 0 to PA_POWER are
used during ramp-up at start of
transmission and ramp-down at
end of transmission, and for
OOK modulation.
The SmartRF® Studio software
should be used to obtain optimum
PATABLE settings for various
output powers.
Figure 18: PA_POWER and PATABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com