Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2550-RTY1 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # CC2550-RTY1
Description  Single Chip Low Cost Low Power RF Transmitter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2550-RTY1 Datasheet(HTML) 41 Page - Texas Instruments

Back Button CC2550-RTY1 Datasheet HTML 37Page - Texas Instruments CC2550-RTY1 Datasheet HTML 38Page - Texas Instruments CC2550-RTY1 Datasheet HTML 39Page - Texas Instruments CC2550-RTY1 Datasheet HTML 40Page - Texas Instruments CC2550-RTY1 Datasheet HTML 41Page - Texas Instruments CC2550-RTY1 Datasheet HTML 42Page - Texas Instruments CC2550-RTY1 Datasheet HTML 43Page - Texas Instruments CC2550-RTY1 Datasheet HTML 44Page - Texas Instruments CC2550-RTY1 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 55 page
background image
CC2550
PRELIMINARY Data Sheet (Rev.1.2)
SWRS039A
Page 41 of 54
0x11: MDMCFG3 – Modulator configuration
Bit
Field Name
Reset
R/W
Description
7:0
DRATE_M[7:0]
34 (0x22)
R/W
The mantissa of the user specified symbol rate. The symbol
rate is configured using an unsigned, floating-point number
with 9-bit mantissa and 4-bit exponent. The 9
th bit is a
hidden ‘1’. The resulting data rate is:
(
)
XOSC
E
DRATE
DATA
f
M
DRATE
R
⋅
⋅
+
=
28
_
2
2
_
256
The default values give a data rate of 115.051 kbps (closest
setting to 115.2 kbps), assuming a 26.0 MHz crystal.
0x12: MDMCFG2 – Modulator configuration
Bit
Field Name
Reset
R/W
Description
7
Reserved
R0
6:4
MOD_FORMAT[2:0]
1 (001)
R/W
The modulation format of the radio signal
Setting
Modulation format
0 (000)
FSK
1 (001)
GFSK
2 (010)
-
3 (011)
OOK
4 (100)
-
5 (101)
-
6 (110)
-
7 (111)
MSK
3
MANCHESTER_EN
0
R/W
Enables Manchester encoding/decoding
0 = Disable
1 = Enable
2:0
SYNC_MODE[2:0]
2 (010)
R/W
Combined sync-word qualifier mode.
The values 0 (000) and 4 (100) disables preamble
and sync word transmission. The values 1 (001), 2
(001), 5 (101) and 6 (110) enables 16-bit sync word
transmission. The values 3 (011) and 7 (111)
enables repeated sync word transmission. The table
below lists the meaning of each mode (for
compatibility with the
CC2500 transceiver):
Setting
Sync-word qualifier mode
0 (000)
No preamble/sync word
1 (001)
15/16 sync word bits detected
2 (010)
16/16 sync word bits detected
3 (011)
30/32 sync word bits detected
4 (100)
No preamble/sync, carrier-sense
above threshold
5 (101)
15/16 + carrier-sense above threshold
6 (110)
16/16 + carrier-sense above threshold
7 (111)
30/32 + carrier-sense above threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com