Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2550-RTY1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CC2550-RTY1
Description  Single Chip Low Cost Low Power RF Transmitter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2550-RTY1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC2550-RTY1 Datasheet HTML 3Page - Texas Instruments CC2550-RTY1 Datasheet HTML 4Page - Texas Instruments CC2550-RTY1 Datasheet HTML 5Page - Texas Instruments CC2550-RTY1 Datasheet HTML 6Page - Texas Instruments CC2550-RTY1 Datasheet HTML 7Page - Texas Instruments CC2550-RTY1 Datasheet HTML 8Page - Texas Instruments CC2550-RTY1 Datasheet HTML 9Page - Texas Instruments CC2550-RTY1 Datasheet HTML 10Page - Texas Instruments CC2550-RTY1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
CC2550
PRELIMINARY Data Sheet (Rev.1.2)
SWRS039A
Page 7 of 54
4.4
Frequency Synthesizer Characteristics
Tc = 25
°C, VDD = 3.0 V if nothing else stated. All measurement results obtained using the CC2550EM reference design.
Parameter
Min
Typ
Max
Unit
Condition/Note
Programmed
frequency resolution
397
FXOSC/
2
16
427
Hz
26-27 MHz crystal.
Synthesizer frequency
tolerance
±40
ppm
Given by crystal used. Required accuracy (including
temperature and aging) depends on frequency band and
channel bandwidth / spacing.
–74
dBc/Hz
@ 50 kHz offset from carrier
–74
dBc/Hz
@ 100 kHz offset from carrier
–77
dBc/Hz
@ 200 kHz offset from carrier
–97
dBc/Hz
@ 1 MHz offset from carrier
–106
dBc/Hz
@ 2 MHz offset from carrier
–114
dBc/Hz
@ 5 MHz offset from carrier
RF carrier phase noise
–117
dBc/Hz
@ 10 MHz offset from carrier
PLL turn-on / hop time
88.4
µs
Time from leaving the IDLE state until arriving in the
FSTXON or TX state, when not performing calibration.
Crystal oscillator running.
PLL calibration time
0.69
18739
0.72
0.72
XOSC
cycles
ms
Calibration can be initiated manually or automatically
before entering or after leaving RX/TX.
Min/typ/max time is for 27/26/26 MHz crystal frequency.
Table 7: Frequency synthesizer parameters
4.5
Analog Temperature Sensor
The characteristics of the analog temperature sensor are listed in Table 8 below. Note that it is
necessary to write 0xBF to the PTEST register to use the analog temperature sensor in the IDLE
state.
Parameter
Min
Typ
Max
Unit
Condition/Note
Output voltage at –40
°C
0.660
V
Output voltage at 0
°C
0.755
V
Output voltage at +40
°C
0.859
V
Output voltage at +80
°C
0.958
V
Temperature coefficient
2.54
mV/
°C
Fitted from –20
°C to +80°C
Error in calculated
temperature, calibrated
-2
*
0
2
*
°C
From –20
°C to +80°C when using 2.54 mV / °C,
after 1-point calibration at room temperature
* The indicated minimum and maximum error with 1-
point calibration is based on simulated values for
typical process parameters
Current consumption
increase when enabled
0.3
mA
Table 8: Analog temperature sensor parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com