Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2550-RTY1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CC2550-RTY1
Description  Single Chip Low Cost Low Power RF Transmitter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2550-RTY1 Datasheet(HTML) 4 Page - Texas Instruments

  CC2550-RTY1 Datasheet HTML 1Page - Texas Instruments CC2550-RTY1 Datasheet HTML 2Page - Texas Instruments CC2550-RTY1 Datasheet HTML 3Page - Texas Instruments CC2550-RTY1 Datasheet HTML 4Page - Texas Instruments CC2550-RTY1 Datasheet HTML 5Page - Texas Instruments CC2550-RTY1 Datasheet HTML 6Page - Texas Instruments CC2550-RTY1 Datasheet HTML 7Page - Texas Instruments CC2550-RTY1 Datasheet HTML 8Page - Texas Instruments CC2550-RTY1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
CC2550
PRELIMINARY Data Sheet (Rev.1.2)
SWRS039A
Page 4 of 54
Abbreviations
Abbreviations used in this data sheet are described below.
ACP
Adjacent Channel Power
MSK
Minimum Shift Keying
ADC
Analog to Digital Converter
NA
Not Applicable
AGC
Automatic Gain Control
LO
Local Oscillator
AMR
Automatic Meter Reading
OOK
On Off Keying
ARIB
Association of Radio Industries and Businesses
PA
Power Amplifier
ASK
Amplitude Shift Keying
PCB
Printed Circuit Board
BER
Bit Error Rate
PD
Power Down
BT
Bandwidth-Time product
PER
Packet Error Rate
CFR
Code of Federal Regulations
PLL
Phase Locked Loop
CRC
Cyclic Redundancy Check
QPSK
Quadrature Phase Shift Keying
DC
Direct Current
QLP
Quad Leadless Package
ESR
Equivalent Series Resistance
RF
Radio Frequency
FCC
Federal Communications Commission
RX
Receive, Receive Mode
FEC
Forward Error Correction
SMD
Surface Mount Device
FHSS
Frequency Hopping Spread Spectrum
SNR
Signal to Noise Ratio
FIFO
First-In-First-Out
SPI
Serial Peripheral Interface
FSK
Frequency Shift Keying
SRD
Short Range Device
GFSK
Gaussian shaped Frequency Shift Keying
TX
Transmit, Transmit Mode
I/Q
In-Phase/Quadrature
VCO
Voltage Controlled Oscillator
ISM
Industrial, Scientific and Medical
WLAN
Wireless Local Area Networks
LC
Inductor-Capacitor
XOSC
Crystal Oscillator
LO
Local Oscillator
XTAL
Crystal
MCU
Microcontroller Unit
1
Absolute Maximum Ratings
Under no circumstances must the absolute maximum ratings given in Table 1 be violated. Stress
exceeding one or more of the limiting values may cause permanent damage to the device.
Caution!
ESD
sensitive
device.
Precaution should be used when handling
the device in order to prevent permanent
damage.
Parameter
Min
Max
Units
Condition
Supply voltage
–0.3
3.6
V
All supply pins must have the same voltage
Voltage on any digital pin
–0.3
VDD+0.3,
max 3.6
V
Voltage on the pins RF_P, RF_N
and DCOUPL
–0.3
2.0
V
Storage temperature range
–50
150
°C
Solder reflow temperature
260
°C
According to IPC/JEDEC J-STD-020C
ESD
<500
V
According to JEDEC STD 22, method A114,
Human Body Model
Table 1: Absolute maximum ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com