Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB325 Datasheet(PDF) 79 Page - ATMEL Corporation

Part # AT43USB325
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB325 Datasheet(HTML) 79 Page - ATMEL Corporation

Back Button AT43USB325 Datasheet HTML 75Page - ATMEL Corporation AT43USB325 Datasheet HTML 76Page - ATMEL Corporation AT43USB325 Datasheet HTML 77Page - ATMEL Corporation AT43USB325 Datasheet HTML 78Page - ATMEL Corporation AT43USB325 Datasheet HTML 79Page - ATMEL Corporation AT43USB325 Datasheet HTML 80Page - ATMEL Corporation AT43USB325 Datasheet HTML 81Page - ATMEL Corporation AT43USB325 Datasheet HTML 82Page - ATMEL Corporation AT43USB325 Datasheet HTML 83Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 109 page
background image
79
3355C–USB–4/05
AT43USB325
8.3.12
Function Endpoint 1,2,3 Service Routine Register – FCSR1,2,3
• Bit 7..4 – Reserved
These bits are reserved in the AT43USB325 and will read as zero.
• Bit 3 – STALL SENT
The USB hardware sets this bit after a STALL has been sent to the host. The firmware uses this
bit when responding to a Get Status[Endpoint] request. It is a read only bit and that is cleared
indirectly by writing a one to the STALL_SENT_ACK bit of the Control and Acknowledge
Register.
• Bit 2 – Reserved
This bit is reserved in the AT43USB325 and will read as zero.
• Bit 1 – RX OUT PACKET
The USB hardware sets this bit after it has stored the data of an OUT transaction in the FIFO.
While this bit is set, the hardware will NAK all OUT tokens. The USB hardware will not overwrite
the data in the FIFO except for an early set-up. RX OUT Packet is used by a BULK OUT or ISO
OUT or INT OUT endpoint.
Setting this bit causes an interrupt to the microcontroller if the interrupt is enabled. FW clears
this bit after the FIFO contents have been read by writing a one to the RX_SETUP_ACK bit of
the Control and Acknowledge Register.
• Bit 0 – TX COMPLETE: Transmit Completed
This bit is used by the endpoint hardware to signal to the microcontroller that the IN transaction
was completed successfully. This bit is read only and is cleared indirectly by writing a one to the
TX_COMPLETE_ACK bit of the Control and Acknowledge Register.
Bit
7654
3
2
1
0
Function EP1 $1FDC
––––
STALL SENT
–
RX OUT PACKET
TX COMPLETE
FCSR1
Function EP2 $1FDB
––––
STALL SENT
–
RX OUT PACKET
TX COMPLETE
FCSR2
Function EP3 $1FDA
––––
STALL SENT
–
RX OUT PACKET
TX COMPLETE
FCSR3
Read/Write
RRRR
R
R
R
R
Initial Value
0000
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com