Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB325 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT43USB325
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB325 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT43USB325 Datasheet HTML 1Page - ATMEL Corporation AT43USB325 Datasheet HTML 2Page - ATMEL Corporation AT43USB325 Datasheet HTML 3Page - ATMEL Corporation AT43USB325 Datasheet HTML 4Page - ATMEL Corporation AT43USB325 Datasheet HTML 5Page - ATMEL Corporation AT43USB325 Datasheet HTML 6Page - ATMEL Corporation AT43USB325 Datasheet HTML 7Page - ATMEL Corporation AT43USB325 Datasheet HTML 8Page - ATMEL Corporation AT43USB325 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 109 page
background image
5
3355C–USB–4/05
AT43USB325
Note:
Signal names ending with an N are active low.
PF[1:3]
Bi-directional
Port F[1:3] – Bi-directional I/O port. In the AT43USB325E, these port pins have dual
functions as the interface pins to the serial EEPROM as shown below:
NC/SSN
Output
No Connect/Slave Select – In the AT43USB325M this pin is not used. In the AT43USB325E
this pin is the SPI slave select input used for enabling the serial memory during program
memory downloading.
TEST
Input
Test Pin – This pin should be tied to ground.
RESETN
Input
Reset – Active low
1.3
Signal Description (Continued)
Name
Type
Function
Port Pin
Alternate Function 1
(AT43USB325E only)
Alternate Function 2
PF1
SCK, SPI Master Clock Out
OC1A, Timer/Counter1 Output Compare A
PF2
SI, SPI Slave Data Input
OC1B, Timer/Counter1 Output Compare B
PF3
SO, SPI Slave Data Out
ICP, Timer/Counter1 Input Capture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com