Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB325 Datasheet(PDF) 92 Page - ATMEL Corporation

Part # AT43USB325
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB325 Datasheet(HTML) 92 Page - ATMEL Corporation

Back Button AT43USB325 Datasheet HTML 88Page - ATMEL Corporation AT43USB325 Datasheet HTML 89Page - ATMEL Corporation AT43USB325 Datasheet HTML 90Page - ATMEL Corporation AT43USB325 Datasheet HTML 91Page - ATMEL Corporation AT43USB325 Datasheet HTML 92Page - ATMEL Corporation AT43USB325 Datasheet HTML 93Page - ATMEL Corporation AT43USB325 Datasheet HTML 94Page - ATMEL Corporation AT43USB325 Datasheet HTML 95Page - ATMEL Corporation AT43USB325 Datasheet HTML 96Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 109 page
background image
92
3355C–USB–4/05
AT43USB325
8.5
Suspend and Resume
The AT43USB325 enters suspend only when requested by the USB host through bus inactivity
for at least 3 ms. The USB hardware would detect this request, sets the GLB_SUSP bit of
SPRSR, Suspend/Resume Register, and interrupts the microcontroller if the interrupt is enabled.
The microcontroller should shut down any peripheral activity and enter the Power Down mode
by setting the SE and SM bits of MCUCR and then executes the SLEEP instruction. The USB
hardware shuts off the oscillator and PLL.
8.5.1
Global Resume
Global resume is signaled by a J to K state change on Port0. The USB hardware enables the
oscillator/PLL, propagates the RESUME signaling, and sets the RSM bit of the SPRSR, which
generates an interrupt. The microcontroller starts executing where it left off and services the
interrupt. As part of the ISR, the firmware clears the GLB_SUSP bit.
8.5.2
Remote Wakeup
While the AT43USB325 is in global suspend, resume signaling is also possible through remote
wakeup if the remote wakeup feature is enabled. Remote wakeup is defined as a port connect,
port disconnect or resume signaling received at a downstream port or, in case of the embedded
function, through an external interrupt.
A remote wakeup initiated at a downstream port is similar in many respects to a global resume.
The USB hardware enables the oscillator/PLL, propagates the RESUME signaling, and sets the
RSM bit of the SPRSR which generates an interrupt. The microcontroller starts executing where
it left off and services the interrupt. As part of the ISR, the firmware clears the GLB_SUSP bit.
A remote wakeup from the embedded function is initiated through INT0 or the external interrupt,
INT1, which enables the oscillator/PLL and the USB hardware. The USB hardware drives
RESUME signaling and sets the FRMWUP and RSM bits of SPRSR which generates an inter-
rupt to the microcontroller. The microcontroller starts executing where it left off and services the
interrupt. As part of the ISR, the firmware clears the GLB SUSP bit.
At completion of RESUME signaling, the USB hardware sets the Port Suspend Status Change
bits of the Hub Port Status Change Registers.
8.5.3
Selective Suspend and Resume
See section on Hub Port Control Register, HPCON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com