Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB325 Datasheet(PDF) 23 Page - ATMEL Corporation

Part # AT43USB325
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB325 Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button AT43USB325 Datasheet HTML 19Page - ATMEL Corporation AT43USB325 Datasheet HTML 20Page - ATMEL Corporation AT43USB325 Datasheet HTML 21Page - ATMEL Corporation AT43USB325 Datasheet HTML 22Page - ATMEL Corporation AT43USB325 Datasheet HTML 23Page - ATMEL Corporation AT43USB325 Datasheet HTML 24Page - ATMEL Corporation AT43USB325 Datasheet HTML 25Page - ATMEL Corporation AT43USB325 Datasheet HTML 26Page - ATMEL Corporation AT43USB325 Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 109 page
background image
23
3355C–USB–4/05
AT43USB325
Figure 4-2.
AT43USB325 Interrupt Structure
4.5
Reset Sources
The AT43USB325 has four sources of reset:
• Power-on Reset – The MCU is reset when the supply voltage is below the power-on reset
threshold.
• External Reset – The MCU is reset when a low level is present on the RESET pin for more
than 50 ns.
• Watchdog Reset – The MCU is reset when the watchdog timer period expires and the
watchdog is enabled.
• USB Reset – The AT43USB325 has a feature to separate the USB and microcontroller
resets. This feature is enabled by setting the BUS INT EN, bit 3 of the SPRSIE register. A
USB bus reset is defined as a SE0 (single ended zero) of at least 4 slow speed USB clock
cycles received by Port0. The internal reset pulse to the USB hardware and microcontroller
lasts for 24 oscillator periods.
– Resets not separated: A USB bus reset will also reset the microcontroller.
Suspend/Resume
Register
Suspend/Resume
Interrupt Enable
Register
Suspend/Resume
Interrupt Mask
Register
USB Interrupt
Flag Register
USB Interrupt
Enable Register
USB Interrupt
Mask Register
USB
INT0
RESET
Microcontroller
Interrupt
Logic
13
TIMER0 OVF
8
2
1
SOF
EOF2
FEP2
FEP1
FEP0
HEP0
FRMWUP
RSM
GLB SUSP
FEP3
TIMER OVF
7
COMPA
5
COMPB
6
INT1
3
BUS RESET
INTA
INTB
INTC
INTD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com