Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB325 Datasheet(PDF) 97 Page - ATMEL Corporation

Part # AT43USB325
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB325 Datasheet(HTML) 97 Page - ATMEL Corporation

Back Button AT43USB325 Datasheet HTML 93Page - ATMEL Corporation AT43USB325 Datasheet HTML 94Page - ATMEL Corporation AT43USB325 Datasheet HTML 95Page - ATMEL Corporation AT43USB325 Datasheet HTML 96Page - ATMEL Corporation AT43USB325 Datasheet HTML 97Page - ATMEL Corporation AT43USB325 Datasheet HTML 98Page - ATMEL Corporation AT43USB325 Datasheet HTML 99Page - ATMEL Corporation AT43USB325 Datasheet HTML 100Page - ATMEL Corporation AT43USB325 Datasheet HTML 101Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 109 page
background image
97
3355C–USB–4/05
AT43USB325
Note:
VCEXT is the voltage at CEXT1, CEXT2.
Note:
XTAL2 must not be used to drive other circuitry.
9.2.1
AC Characteristics
Table 9-4.
PA, PB, PC, PD, PE, PF
Symbol
Parameter
Condition
Min
Max
Unit
V
OL2
Output Low Level, PA, PB,
PE[0:3]
IOL = 4 mA
0.5
V
RPU
PC Pull-up resistor current
V = 0
90
280
µA
VIL3
Input Low Level, PC
0.3 VCEXT
V
VIH3
Input High Level, PC
0.7 VCEXT
V
V
IL4
Input Low Level, PD[0,1]
0.3 VCEXT
V
VIH4
Input High Level, PD[0,1]
0.7 VCEXT
V
VOL4
Output Low Level, PD[0,1]
IOL = 4 mA
0.3 VCEXT
V
V
OH4
Output High Level, PD[0,1]
IOH = 4 mA
0.7 VCEXT
V
C
Input/Output capacitance
1 MHz
10
pF
Table 9-5.
Oscillator Signals: XTAL1, XTAL2
Symbol
Parameter
Condition
Min
Max
Unit
VLH
OSC1 switching level
0.47
1.20
V
V
HL
OSC1 switching level
0.67
1.44
V
CX1
Input capacitance, XTAL1
10
pF
CX2
Output capacitance, XTAL2
10
pF
C12
OSC1/2 capacitance
5
pF
tSU
Start-up time
6 MHz, fundamental
2
ms
DL
Drive level
50
µW
Table 9-6.
SEEPROM SPI Timing
Symbol
Parameter
Condition
Min
Max
Unit
f
SCK
SCK Clock Frequency 50% duty cycle
333
333
ns
t
RO, tFO
Output Rise Time, Fall Time
10
10
ns
-5
5
ns
t
CSS
SSN Setup Time
0
20
ns
tCSH
SSN Hold Time
0
20
ns
t
SU
Data IN Setup Time
10
ns
t
H
Data In Hold Time
2
ns
tHO
Output Hold Time
0
ns
t
V
Output Valid
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com