Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB325 Datasheet(PDF) 62 Page - ATMEL Corporation

Part # AT43USB325
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB325 Datasheet(HTML) 62 Page - ATMEL Corporation

Back Button AT43USB325 Datasheet HTML 58Page - ATMEL Corporation AT43USB325 Datasheet HTML 59Page - ATMEL Corporation AT43USB325 Datasheet HTML 60Page - ATMEL Corporation AT43USB325 Datasheet HTML 61Page - ATMEL Corporation AT43USB325 Datasheet HTML 62Page - ATMEL Corporation AT43USB325 Datasheet HTML 63Page - ATMEL Corporation AT43USB325 Datasheet HTML 64Page - ATMEL Corporation AT43USB325 Datasheet HTML 65Page - ATMEL Corporation AT43USB325 Datasheet HTML 66Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 109 page
background image
62
3355C–USB–4/05
AT43USB325
7.6.1
Port F Data Register – PORTF
7.6.2
Port F Data Direction Register – DDRF
7.6.3
Port F Input Pin Address – PINF
The Port F Input Pins address - PINF - is not a register, and this address enables access to the
physical value on each Port F pin. When reading PORTF, the Port F Data Latch is read, and
when reading PINF, the logical values present on the pins are read.
7.6.4
Port F as General Digital I/O
PFn, General I/O Pin: After firmware downloading, the DDFn bit in the DDRF register selects
the direction of this pin. If DDFn is set (one), PFn is con-figured as an output pin. If DDFn is
cleared (zero), PFn is configured as an input pin. The value of PORTFn has no meaning in this
mode. The Port F pins are tri-stated when a reset condition becomes active.
Note:
n: 3,2,1, pin number
Bit
7
6
5
4
3
2
1
0
$06($26)
-
-
-
-
PORTF3
PORTF2
PORTF1
-
PORTF
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
$05($25)
-
-
-
-
DDF3
DDF2
DDF1
-
DDRF
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
$04($24)
-
-
-
-
PINF3
PINF2
PINF1
-
PINF
Read/Write
R
R
R
R
R
R
R
R
Initial Value
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Table 7-6.
DDFn Bits on Port F Pins
DDFn
PORTFn
I/O
Comment
0
0
Input
Tri-state (Hi-Z)
0
1
Input
Tri-state (Hi-Z)
1
0
Output
Push-pull Zero Output
1
1
Output
Push-pull One Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com