Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB325 Datasheet(PDF) 61 Page - ATMEL Corporation

Part # AT43USB325
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB325 Datasheet(HTML) 61 Page - ATMEL Corporation

Back Button AT43USB325 Datasheet HTML 57Page - ATMEL Corporation AT43USB325 Datasheet HTML 58Page - ATMEL Corporation AT43USB325 Datasheet HTML 59Page - ATMEL Corporation AT43USB325 Datasheet HTML 60Page - ATMEL Corporation AT43USB325 Datasheet HTML 61Page - ATMEL Corporation AT43USB325 Datasheet HTML 62Page - ATMEL Corporation AT43USB325 Datasheet HTML 63Page - ATMEL Corporation AT43USB325 Datasheet HTML 64Page - ATMEL Corporation AT43USB325 Datasheet HTML 65Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 109 page
background image
61
3355C–USB–4/05
AT43USB325
7.5.3
Port E Input Pins Address – PINE
The Port E Input Pins address, PINE, is not a register, and this address enables access to the
physical value on each Port E pin. When reading PORTE the Port E Data Latch is read, and
when reading PINE, the logical values present on the pins are read.
7.5.4
Port E as General Digital I/O
PEn, General I/O Pin: The DDEn bit in the DDRE register selects the direction of this pin. If
DDEn is set (one), PEn is con-figured as an output pin. If DDEn is cleared (zero), PEn is config-
ured as an input pin. The value of PORTEn has no meaning in this mode. The Port E pins are tri-
stated when a reset condition becomes active.
Note:
n: 7,6…0, pin number
7.6
Port F
Port F[1:3] is a 3-bit bi-directional I/O that becomes available after the program memory is writ-
ten at the end of POR. Three I/O memory address locations are allocated for the Port F, one
each for the Data Register - PORTF, $06($26), Data Direction Register - DDRF, $05($25) and
the Port F Input Pins - PIND, $04($24). The Port F Input Pins address is read only, while the
Data Register and the Data Direction Register are read/write. Some Port F pins have alternate
functions as shown in the following table:
After power up, PF[1:3] are used to load the program memory. This process is automatic. After
completion of program memory downloading, the SSN pin is de-asserted (=logic 1) and the pins
functions as GPIOs. When the pins are used for the alternate function, after downloading is
completed, the DDRF and PORTF register has to be set according to the alternate function
description.
Bit
7
6
5
4
3
2
1
0
$01 ($21)
PINE7
PINE6
PINE5
PINE4
PINE3
PINE2
PINE1
PINE0
PINE
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R
R
Initial Value
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Table 7-4.
DDEn Bits on Port E Pins
DDEn
PORTEn
I/O
Comment
0
0
Input
Tri-state (Hi-Z)
0
1
Input
Tri-state (Hi-Z)
1
0
Output
Push-pull Zero Output
1
1
Output
Push-pull One Output
Table 7-5.
Port F Pins Alternate Functions
Port Pin
Alternate Function 1
Alternate Function 2
PF1
SCK (SPI Bus Serial Clock)
OC1A (Timer/Counter1 Output CompareA
Match Output)
PF2
MOSI (SPI Bus Master Output/Slave Input)
OC1B (Timer/Counter1 Output CompareB
Match Output)
PF3
MISO (SPI Bus Master Input/Slave Output)
ICP (Timer/Counter1 Input Capture)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com