Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB325 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT43USB325
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB325 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT43USB325 Datasheet HTML 18Page - ATMEL Corporation AT43USB325 Datasheet HTML 19Page - ATMEL Corporation AT43USB325 Datasheet HTML 20Page - ATMEL Corporation AT43USB325 Datasheet HTML 21Page - ATMEL Corporation AT43USB325 Datasheet HTML 22Page - ATMEL Corporation AT43USB325 Datasheet HTML 23Page - ATMEL Corporation AT43USB325 Datasheet HTML 24Page - ATMEL Corporation AT43USB325 Datasheet HTML 25Page - ATMEL Corporation AT43USB325 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 109 page
background image
22
3355C–USB–4/05
AT43USB325
The most typical and general program setup for the Reset and Interrupt Vector Addresses are:
USB related interrupt events are routed to reset vectors 13 and 2 through a separate set of inter-
rupt, interrupt enable and interrupt mask registers that are mapped to the data SRAM space.
These interrupts must be enabled though their control register bits. In the event an interrupt is
generated, the source of the interrupt is identified by reading the interrupt registers. The USB
frame and transaction related interrupt events, such as Start of Frame interrupt, are grouped in
one set of registers: USB Interrupt Flag Register, USB Interrupt Enable Register and USB Inter-
rupt Mask Register. The USB Bus reset and suspend/resume are grouped in another set of
registers: Suspend/Resume Register, Suspend/Resume Interrupt Enable Register and Sus-
pend/Resume Interrupt Mask Register.
Some applications may include firmware routines lasting for long periods that can not be inter-
rupted. At the same time, other less critical events may need attention after the critical routine is
completed. The AT43USB325 solves this problem by having interrupt mask registers in addition
to the interrupt enable registers of the USB related interrupts. The difference between the mask
and enable registers is:
• The enable register enables the interrupt so it is captured into the interrupt register. If it is not
enabled, and an interrupt occurs, the interrupt will be lost.
• The mask register merely masks the interrupt from interrupting the CPU. Upon unmasking,
the pending interrupt is triggered.
Address
Labels
Code
Comments
$000
jmp
RESET
; Reset Handler
$002
jmp
EXT_INT0
; IRQ0 Handler
$00E
jmp
TIM0_OVF
; Timer0
Overflow
Handler
$018
jmp
USB_HW
; USB Handler
;
$00d
MAIN:
ldi r16, high (RAMEND)
; Main Program
start
$00e
out SPH, r16
$00f
ldi r16, low (RAMEND)
$010
out SPL, r16
$011
<instr> xxx
...
...
...
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com