Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB325 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT43USB325
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB325 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT43USB325 Datasheet HTML 8Page - ATMEL Corporation AT43USB325 Datasheet HTML 9Page - ATMEL Corporation AT43USB325 Datasheet HTML 10Page - ATMEL Corporation AT43USB325 Datasheet HTML 11Page - ATMEL Corporation AT43USB325 Datasheet HTML 12Page - ATMEL Corporation AT43USB325 Datasheet HTML 13Page - ATMEL Corporation AT43USB325 Datasheet HTML 14Page - ATMEL Corporation AT43USB325 Datasheet HTML 15Page - ATMEL Corporation AT43USB325 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 109 page
background image
12
3355C–USB–4/05
AT43USB325
3.5
SRAM Data Memory
Table 3-3 summarizes how the AT43USB325 SRAM Memory is organized. The lower 608 Data
Memory locations address the Register file, the I/O Memory and the internal data SRAM. The
first 96 locations address the Register File + I/O Memory, and the next 512 locations address the
internal data SRAM. The five different addressing modes for the data memory cover: Direct,
Indirect with Displacement, Indirect, Indirect with Pre-decrement and Indirect with Post-incre-
ment. In the register file, registers R26 to R31 feature the indirect addressing pointer registers.
Direct addressing reaches the entire data space.
The Indirect with Displacement mode features 63 address locations that reach from the base
address given by the Y- or Z-register.
When using register indirect addressing modes with automatic pre-decrement and post-incre-
ment, the address registers X, Y, and Z are decremented and incremented.
The 32 general-purpose working registers, 64 I/O registers and the 512 bytes of internal data
SRAM in the AT43USB325 are all accessible through these addressing modes.
To manage the USB hardware, a special set of registers is assigned. These registers are
mapped to SRAM space between addresses $1F00 and 1FFF. Table 3-3 and Table 3-4 give an
overview of these registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com