Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB325 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT43USB325
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB325 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT43USB325 Datasheet HTML 17Page - ATMEL Corporation AT43USB325 Datasheet HTML 18Page - ATMEL Corporation AT43USB325 Datasheet HTML 19Page - ATMEL Corporation AT43USB325 Datasheet HTML 20Page - ATMEL Corporation AT43USB325 Datasheet HTML 21Page - ATMEL Corporation AT43USB325 Datasheet HTML 22Page - ATMEL Corporation AT43USB325 Datasheet HTML 23Page - ATMEL Corporation AT43USB325 Datasheet HTML 24Page - ATMEL Corporation AT43USB325 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 109 page
background image
21
3355C–USB–4/05
AT43USB325
Figure 4-1.
Oscillator and PLL
4.4
Reset and Interrupt Handling
The AT43USB325 provides 12 different interrupt sources with 4 separate reset vectors, each
with a separate program vector in the program memory space. Nine of the interrupt sources
share 2 interrupt reset vectors. These nine are the USB related interrupts. All interrupts are
assigned individual enable bits which must be set (one) together with the I-bit in the status regis-
ter in order to enable the interrupt.
The lowest addresses in the program memory space are automatically defined as the Reset and
Interrupt vectors. The complete list of vectors is shown in Table 4-1. The list also determines the
priority levels of the different interrupts. The lower the address, the higher is the priority level.
RESET has the highest priority, and next is INT0 – the USB Suspend and Resume Interrupt, etc.
AT43USB325
XTAL1
XTAL2
LFT
Y1
6.000 MHz
U1
C2
0.01 UF
C1
0.22 UF
R1
100
Table 4-1.
Reset and Interrupt Vectors
Vector No.
Program Address
Source
Interrupt Definition
1
$000
RESET
External Reset, Power-on Reset and
Watchdog Reset
2
$002
INT0
USB Suspend and Resume
3
$004
INT1
External Interrupt Request 1
4
$006
TIMER1 CAPT
Timer/Counter1 Capture Event
5
$008
TIMER1 COMPA
Timer/Counter1 Compare Match A
6
$00A
TIMER1 COMPB
Timer/Counter1 Compare Match B
7
$00C
TIMER1, OVF
Timer/Counter1 Overflow
8
$00E
TIMER0, OVF
Timer/Counter0 Overflow
13
$018
USB HW
USB Hardware



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com