Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB325 Datasheet(PDF) 60 Page - ATMEL Corporation

Part # AT43USB325
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB325 Datasheet(HTML) 60 Page - ATMEL Corporation

Back Button AT43USB325 Datasheet HTML 56Page - ATMEL Corporation AT43USB325 Datasheet HTML 57Page - ATMEL Corporation AT43USB325 Datasheet HTML 58Page - ATMEL Corporation AT43USB325 Datasheet HTML 59Page - ATMEL Corporation AT43USB325 Datasheet HTML 60Page - ATMEL Corporation AT43USB325 Datasheet HTML 61Page - ATMEL Corporation AT43USB325 Datasheet HTML 62Page - ATMEL Corporation AT43USB325 Datasheet HTML 63Page - ATMEL Corporation AT43USB325 Datasheet HTML 64Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 109 page
background image
60
3355C–USB–4/05
AT43USB325
7.4.4
Port D as General Digital I/O
PDn, General I/O Pin: The DDDn bit in the DDRD register selects the direction of this pin. If
DDDn is set (one), PDn is con-figured as an output pin. If DDDn is cleared (zero), PDn is config-
ured as an input pin. The value of PORTDn has no meaning in this mode. The Port D pins are
tri-stated when a reset condition becomes active.
Note:
n: 7,6,5,4,3,1,0, pin number
7.4.5
Alternate Functions of Port D
INT1, External Interrupt Source 1: The PD3 pin can serve as an external interrupt source to
the MCU. See the interrupt description for further details, and how to enable the source.
7.5
Port E
Port E[0:3] each is a bi-directional I/O port with open drain outputs and controlled slew rate and
is designed for use as the column drivers in a keyboard controller. The Port E[0:3] output buffers
can sink 4 mA. Port E[4:7] are bi-directional I/O with outputs capable of driving LEDs directly.
Each pin of Port E[4:7] has a series resistor to limit the LEDs current.
Three I/O memory address locations are allocated for the Port E, one each for the Data Register
- PORTE, $03($23), Data Direction Register - DDRE, $02($22) and the Port E Input Pins - PINE,
$01($21). The Port E Input Pins address is read only, while the Data Register and the Data
Direction Register are read/write.
7.5.1
Port E Data Register – PORTE
7.5.2
Port E Data Direction Register – DDRE
Table 7-3.
DDDn Bits on Port D Pins
DDDn
PORTDn
I/O
Comment
0
0
Input
Tri-state (Hi-Z)
0
1
Input
Tri-state (Hi-Z)
1
0
Output
Push-pull Zero Output
1
1
Output
Push-pull One Output
Bit
7
6
5
4
3
2
1
0
$03($23)
PORTE7
PORTE6
PORTE5
PORTE4
PORTE3
PORTE2
PORTE1
PORTE0
PORTE
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
$02 ($22)
DDE7
DDE6
DDE5
DDE4
DDE3
DDE2
DDE1
DDE0
DDRE
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com