Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB325 Datasheet(PDF) 26 Page - ATMEL Corporation

Part # AT43USB325
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB325 Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button AT43USB325 Datasheet HTML 22Page - ATMEL Corporation AT43USB325 Datasheet HTML 23Page - ATMEL Corporation AT43USB325 Datasheet HTML 24Page - ATMEL Corporation AT43USB325 Datasheet HTML 25Page - ATMEL Corporation AT43USB325 Datasheet HTML 26Page - ATMEL Corporation AT43USB325 Datasheet HTML 27Page - ATMEL Corporation AT43USB325 Datasheet HTML 28Page - ATMEL Corporation AT43USB325 Datasheet HTML 29Page - ATMEL Corporation AT43USB325 Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 109 page
background image
26
3355C–USB–4/05
AT43USB325
4.9
Non-USB Related Interrupt Handling
The AT43USB325 has two non-USB 8-bit Interrupt Mask control registers; GIMSK (General
Interrupt Mask Register) and TIMSK (Timer/Counter Interrupt Mask Register).
When an interrupt occurs, the Global Interrupt Enable I-bit is cleared (zero) and all interrupts are
disabled. The user software can set (one) the I-bit to enable nested interrupts. The I-bit is set
(one) when a Return from Interrupt instruction, RETI, is executed.
For Interrupts triggered by events that can remain static (e.g. the Output Compare register1
matching the value of Timer/Counter1) the interrupt flag is set when the event occurs. If the
interrupt flag is cleared and the interrupt condition persists, the flag will not be set until the event
occurs the next time.
When the Program Counter is vectored to the actual interrupt vector in order to execute the
interrupt handling routine, hard-ware clears the corresponding flag that generated the interrupt.
Some of the interrupt flags can also be cleared by writing a logic one to the flag bit position(s) to
be cleared.
If an interrupt condition occurs when the corresponding interrupt enable bit is cleared (zero), the
interrupt flag will be set and remembered until the interrupt is enabled, or the flag is cleared by
software.
If one or more interrupt conditions occur when the global interrupt enable bit is cleared (zero),
the corresponding interrupt flag(s) will be set and remembered until the global interrupt enable
bit is set (one), and will be executed by order of priority.
Note that external level interrupt does not have a flag, and will only be remembered for as long
as the interrupt condition is active.
4.9.1
General Interrupt Mask Register – GIMSK
• Bit 7 – INT1: External Interrupt Request 1 Enable
When the INT1 bit is set (one) and the I-bit in the Status Register (SREG) is set (one), the exter-
nal pin interrupt is enabled. The Interrupt Sense Control1 bits 1/0 (ISC11 and ISC10) in the MCU
general Control Register (MCUCR) defines whether the external interrupt is activated on rising
or falling edge of the INT1 pin or level sensed. Activity on the pin will cause an interrupt request
even if INT1 is configured as an output. The corresponding interrupt of External Interrupt
Request 1 is executed from program memory address $004. See also “External Interrupts” on
page 29.
• Bit 6 – INT0: Interrupt Request 0 (Suspend/Resume Interrupt) Enable
When the INT0 bit is set (one) and the I-bit in the Status Register (SREG) is set (one), the exter-
nal pin interrupt is enabled. The Interrupt Sense Control0 bits 1/0 (ISC01 and ISC00) in the MCU
general Control Register (MCUCR) defines whether the external interrupt is activated on rising
or falling edge of the INT0 pin or level sensed. Activity on the pin will cause an interrupt request
even if INT0 is configured as an output. The corresponding interrupt of Interrupt Request 0 is
executed from program memory address $002. See also “External Interrupts” on page 29.
Bit
7
6
5
4
3
210
$3B ($5B)
INT1
INT0
–
–
–
–
–
–
GIMSK
Read/Write
R/W
R/W
R
R
R
R
R
R
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com