Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB325 Datasheet(PDF) 37 Page - ATMEL Corporation

Part # AT43USB325
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB325 Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button AT43USB325 Datasheet HTML 33Page - ATMEL Corporation AT43USB325 Datasheet HTML 34Page - ATMEL Corporation AT43USB325 Datasheet HTML 35Page - ATMEL Corporation AT43USB325 Datasheet HTML 36Page - ATMEL Corporation AT43USB325 Datasheet HTML 37Page - ATMEL Corporation AT43USB325 Datasheet HTML 38Page - ATMEL Corporation AT43USB325 Datasheet HTML 39Page - ATMEL Corporation AT43USB325 Datasheet HTML 40Page - ATMEL Corporation AT43USB325 Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 109 page
background image
37
3355C–USB–4/05
AT43USB325
4.13.6
Suspend/Resume Interrupt Enable Register – SPRSIE
• · Bit 7 – INTD EN: External Interrupt D Enable
Setting the INTD EN bit will initiate an interrupt whenever the INTD bit of SPRSR is set.
• · Bit 6 – INTC EN: External Interrupt C Enable
Setting the INTC EN bit will initiate an interrupt whenever the INTC bit of SPRSR is set.
• · Bit 5 – INTB EN: External Interrupt B Enable
Setting the INTD EN bit will initiate an interrupt whenever the INTB bit of SPRSR is set.
• · Bit 4 – INTA EN: External Interrupt A Enable
Setting the INTD EN bit will initiate an interrupt whenever the INTA bit of SPRSR is set.
• · Bit 3 – BUS INT EN: USB Reset Interrupt Enable
When the BUS INT EN bit is set, the USB and µC resets are separated. A USB bus reset (SE0
for longer than 3 ms) will reset the USB hardware only and not the µC. However, an interrupt to
the µC will be generated and bit 3 of SPRSR is set.
• · Bit 2 – FRWUP IE: Function Remote Wakeup Interrupt Enable
Setting the FRWUP IE bit will initiate an interrupt whenever the FRWUP bit of SPRSR is set.
• · Bit 1 – RSM IE: Resume Interrupt Enable
Setting the RSM IE bit will initiate an interrupt whenever the RSM bit of SPRSR is set.
• · Bit 0 – GLB SUSP IE: Global Suspend Interrupt Enable
Setting the GLB SUSP IE bit will initiate an interrupt whenever the GLB SUSP bit of SPRSR is
set.
Bit
7
6
5
4
3
2
1
0
$1FF9
INTD
EN
INTC
EN
INTB
EN
INTA
EN
BUS INT
EN
FRWUP
IE
RSM
IE
GLB
SUSP IE
SPRSIE
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com