Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB325 Datasheet(PDF) 104 Page - ATMEL Corporation

Part # AT43USB325
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB325 Datasheet(HTML) 104 Page - ATMEL Corporation

Back Button AT43USB325 Datasheet HTML 100Page - ATMEL Corporation AT43USB325 Datasheet HTML 101Page - ATMEL Corporation AT43USB325 Datasheet HTML 102Page - ATMEL Corporation AT43USB325 Datasheet HTML 103Page - ATMEL Corporation AT43USB325 Datasheet HTML 104Page - ATMEL Corporation AT43USB325 Datasheet HTML 105Page - ATMEL Corporation AT43USB325 Datasheet HTML 106Page - ATMEL Corporation AT43USB325 Datasheet HTML 107Page - ATMEL Corporation AT43USB325 Datasheet HTML 108Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 109 page
background image
104
3355C–USB–4/05
AT43USB325
11. Packaging Information
11.1
64AA – LQFP
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
64AA,
64-lead, Low-profile (1.4 mm) Plastic Quad Flat
Package (LQFP)
A
64AA
0.50(0.020) BSC
PIN 1 ID
0.20(0.008)
0.09(0.003)
0˚~7˚
0.15(0.006)
0.05(0.002)
0.75(0.030)
0.45(0.018)
1.60(0.063) MAX
10.10(0.397)
9.90(0.389)
SQ
SQ
0.27(0.011)
0.17(0.007)
12.25(0.492)
11.75(0.463)
PIN 1
Dimensions in Millimeters and (Inches)
Controlling Dimensions: Millimeters
JEDEC STANDARD MS-026 ACB
REV. A
1/15/2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com