Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1110-RTY1 Datasheet(PDF) 30 Page - Texas Instruments

Part # CC1110-RTY1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTY1 Datasheet(HTML) 30 Page - Texas Instruments

Back Button CC1110-RTY1 Datasheet HTML 26Page - Texas Instruments CC1110-RTY1 Datasheet HTML 27Page - Texas Instruments CC1110-RTY1 Datasheet HTML 28Page - Texas Instruments CC1110-RTY1 Datasheet HTML 29Page - Texas Instruments CC1110-RTY1 Datasheet HTML 30Page - Texas Instruments CC1110-RTY1 Datasheet HTML 31Page - Texas Instruments CC1110-RTY1 Datasheet HTML 32Page - Texas Instruments CC1110-RTY1 Datasheet HTML 33Page - Texas Instruments CC1110-RTY1 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 30 of 202
Antenna
(50 Ohm)
2.0V-3.6V power supply
2, 10 DVDD
30 DCOUPL
AVDD 26
AVDD 25
RF_N 24
RF_P 23
AVDD 22
X1
L232
L233
C232
C233
C235
R271
C201
C211
C301
CC1110
DIE ATTACH PAD:
C241
C231
L231
L241
C234
X2
C181
C171
Optional:
Figure 6: Application Circuit (excluding supply decoupling capacitors and digital I/O)
Component
Description
C301
100 nF decoupling capacitor for on-chip voltage regulator to digital part
C201; C211
Crystal loading capacitors, see section 14 on page 153 for details
C171, C181
Crystal loading capacitors, if X2 is used
C231, C241
RF balun/matching capacitors
C232/C233
RF LC filter/matching capacitors
C234
RF balun DC blocking capacitor
C235
RF LC filter DC blocking capacitor (only needed if there is a DC path in the antenna)
L231/L241
RF balun/matching inductors (inexpensive multi-layer type)
L232/L233
RF LC filter/matching filter inductors (inexpensive multi-layer type)
R271
56 kΩ resistor for internal bias current reference, tolerance 1%
X1
26 MHz-27 MHz crystal, see section 14 on page 153 for details
X2
32.768 kHz crystal, optional
Table 23: Overview of external components (excluding supply decoupling capacitors)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com