Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1110-RTY1 Datasheet(PDF) 14 Page - Texas Instruments

Part # CC1110-RTY1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTY1 Datasheet(HTML) 14 Page - Texas Instruments

Back Button CC1110-RTY1 Datasheet HTML 10Page - Texas Instruments CC1110-RTY1 Datasheet HTML 11Page - Texas Instruments CC1110-RTY1 Datasheet HTML 12Page - Texas Instruments CC1110-RTY1 Datasheet HTML 13Page - Texas Instruments CC1110-RTY1 Datasheet HTML 14Page - Texas Instruments CC1110-RTY1 Datasheet HTML 15Page - Texas Instruments CC1110-RTY1 Datasheet HTML 16Page - Texas Instruments CC1110-RTY1 Datasheet HTML 17Page - Texas Instruments CC1110-RTY1 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 14 of 202
7.2
RF Receive Section
TA=25°C, VDD=3.0V if nothing else stated. Measured on Chipcon’s CC1110 EM reference design.
Parameter
Min
Typ
Max
Unit
Condition/Note
Differential input
impedance
TBD
Ω
Follow CC1110EM reference design
–109
dBm
2-FSK, 1.2kbps, 5.2kHz deviation, 1% packet error rate, 20
bytes packet length, 58kHz digital channel filter bandwidth
–99
dBm
2-FSK, 38.4kbps, 20kHz deviation, 1% packet error rate, 20
bytes packet length, 100kHz digital channel filter bandwidth
-87
dBm
2-FSK, 250kbps, 127kHz deviation, 1% packet error rate,
20 bytes packet length, 540kHz digital channel filter
bandwidth
Receiver sensitivity
315/433/868/915MHz
-86
dBm
OOK, 250kbps OOK, 1% packet error rate, 20 bytes packet
length, 540kHz digital channel filter bandwidth
Saturation
–15
dBm
Digital channel filter
bandwidth
58
812
kHz
User programmable. The bandwidth limits are proportional
to crystal frequency (given values assume a 26.0MHz
crystal).
Adjacent channel
rejection,
868MHz
23
dB
2-FSK, 38.4kbps, 20kHz deviation, 1% packet error rate, 20
bytes packet length, 100kHz digital channel filter, 150kHz
channel spacing
Desired channel 3dB above the sensitivity limit.
Alternate channel
rejection,
868MHz
33
dB
2-FSK, 38.4kbps, 20kHz deviation, 1% packet error rate, 20
bytes packet length, 100kHz digital channel filter, 150kHz
channel spacing
Desired channel 3dB above the sensitivity limit.
Image channel
rejection,
868MHz
29
dB
2-FSK, 38.4kbps, 20kHz deviation, 1% packet error rate, 20
bytes packet length, 100kHz digital channel filter, 150kHz
channel spacing, IF frequency 305kHz
Desired channel 3dB above the sensitivity limit.
Blocking at 1MHz
offset, 868MHz
52
dB
Desired channel 3dB above the sensitivity limit. Compliant
to ETSI EN 300 220 class 2 receiver requirement.
Blocking at 2MHz
offset, 868MHz
54
dB
Desired channel 3dB above the sensitivity limit. Compliant
to ETSI EN 300 220 class 2 receiver requirement.
Blocking at 5MHz
offset, 868MHz
61
dB
Desired channel 3dB above the sensitivity limit. Compliant
to ETSI EN 300 220 class 2 receiver requirement.
Blocking at 10MHz
offset, 868MHz
64
dB
Desired channel 3dB above the sensitivity limit. Compliant
to ETSI EN 300 220 class 2 receiver requirement.
Spurious emissions
–57
–47
dBm
dBm
25MHz – 1GHz
Above 1GHz
Table 6: RF Receive Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com