Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1110-RTY1 Datasheet(PDF) 13 Page - Texas Instruments

Part # CC1110-RTY1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTY1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC1110-RTY1 Datasheet HTML 9Page - Texas Instruments CC1110-RTY1 Datasheet HTML 10Page - Texas Instruments CC1110-RTY1 Datasheet HTML 11Page - Texas Instruments CC1110-RTY1 Datasheet HTML 12Page - Texas Instruments CC1110-RTY1 Datasheet HTML 13Page - Texas Instruments CC1110-RTY1 Datasheet HTML 14Page - Texas Instruments CC1110-RTY1 Datasheet HTML 15Page - Texas Instruments CC1110-RTY1 Datasheet HTML 16Page - Texas Instruments CC1110-RTY1 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 13 of 202
7.1
General Characteristics
TA=25°C, VDD=3.0V if nothing else stated.
Parameter
Min
Typ
Max
Unit
Condition/Note
Wake-Up and Timing
Power mode 1
power
mode 0 (active)
38
77
ns
Digital regulator on, High Speed RCOSC or crystal
oscillator running. Entry from PM1 to PM0 takes
one clock period.
Power mode 2 or 3
power mode 0 (active)
50
µs
Digital regulator off, High Speed RCOSC and
crystal oscillator off. Start-up of regulator and High
Speed RCOSC.
Active
RX
26 MHz XOSC initially OFF
495
µs
Digital regulator on. Crystal oscillator off. Start-up
of crystal oscillator and RF TX/RX begins.
Active
TX
26 MHz XOSC initially OFF
495
µs
Digital regulator on. Crystal oscillator off. Start-up
of crystal oscillator and RF TX/RX begins.
Active
RX
195
µs
Digital regulator on. Crystal oscillator on. Time
from enabling radio until RX begins.
Active
TX
195
µs
Digital regulator on. Crystal oscillator on. Time
from enabling radio until TX begins.
Radio part
Frequency range
300
348
MHz
400
464
MHz
800
928
MHz
Data rate
1.2
500
kbps
Modulation formats supported:
(Shaped) MSK (also known as differential offset
QPSK) up to 500kbps
2-FSK up to 500kbps
GFSK and OOK/ASK (up to 250kbps)
Optional Manchester encoding (halves the data
rate)
Data rate must be selected to comply with
frequency regulations.
Table 5: General Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com