Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1110-RTY1 Datasheet(PDF) 34 Page - Texas Instruments

Part # CC1110-RTY1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTY1 Datasheet(HTML) 34 Page - Texas Instruments

Back Button CC1110-RTY1 Datasheet HTML 30Page - Texas Instruments CC1110-RTY1 Datasheet HTML 31Page - Texas Instruments CC1110-RTY1 Datasheet HTML 32Page - Texas Instruments CC1110-RTY1 Datasheet HTML 33Page - Texas Instruments CC1110-RTY1 Datasheet HTML 34Page - Texas Instruments CC1110-RTY1 Datasheet HTML 35Page - Texas Instruments CC1110-RTY1 Datasheet HTML 36Page - Texas Instruments CC1110-RTY1 Datasheet HTML 37Page - Texas Instruments CC1110-RTY1 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 34 of 202
Physical memory
4 KB SRAM
Hardware radio
registers
Non-volatile program memory
32 KB
0x0000
Hardware registers
Fast access RAM
0xFF00
Slow access RAM /
program memoryin RAM
0xF000
0x7FFF
Hardware SFR
registers
0xDF00
0xDF80
0xDFFF
Unimplemented
55 KB
0x8000
0xDEFF
32 KB Flash
0x7FFF
0x0000
0xFFFF
Unimplemented
0xE000
0xEFFF
Figure 8: CODE memory space
12.3.2 Memory Space
This section describes the details of each CPU
memory space.
XDATA memory space. The 32 KB flash
program memory is mapped into the address
range 0x0000-0x7FFF, the 4 KB SRAM into
address range 0xF000-0xFFFF, radio registers
into address range 0xDF00-0xDF3D and the
SFR registers into address range 0xDF80-
0xDFFF. This allows the DMA controller (and
the CPU) access to all the physical memories
in a single unified address space. One of the
ramifications of this mapping is that the first
address of usable SRAM starts at address
0xF000 instead of 0x0000, and therefore
compilers/assemblers must take this into
consideration.
In low-power modes PM2-3, the 4 KB SRAM
at XDATA address range 0xF000-0xFFFF will
retain its contents. Refer to section 13.10 on
page 130 for a detailed description of power
modes and SRAM data retention.
CODE memory space. The mapping of the
CODE memory space is similar to the XDATA
mapping with the exception that SFR registers
internal to the CPU can not be accessed.
These SFR registers are shown in grey in
Table 25. Since XDATA and CODE memory
accesses share a common bus on the CPU,
their memory spaces are made similar to
simplify memory decoding. The 4 KB SRAM is
included in the CODE address space to allow
program execution out of the SRAM.
DATA memory space. The 8-bit address
range of DATA memory is mapped into the
upper 256 bytes of the 4 KB SRAM. This area
is also accessible through the CODE and
XDATA memory spaces at the address range
0xFF00-0xFFFF.
SFR memory space. The 128-entry hardware
register area is accessed through this memory
space. The SFR registers are also accessible
through the XDATA/DMA address space at the
address range 0xDF80-0xDFFF. Some CPU-
specific SFR registers reside inside the CPU
core and can only be accessed using the SFR
memory space and not through the duplicate
mapping into XDATA memory space.
12.3.3 Data Pointers
The
CC1110 has two data pointers, DPTR0 and
DPTR1 to accelerate the movement of data
blocks to/from memory. The data pointers are
generally used to access CODE or XDATA
space e.g.
MOVC A,@A+DPTR
MOV A,@DPTR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com