Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1110-RTY1 Datasheet(PDF) 9 Page - Texas Instruments

Part # CC1110-RTY1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTY1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CC1110-RTY1 Datasheet HTML 5Page - Texas Instruments CC1110-RTY1 Datasheet HTML 6Page - Texas Instruments CC1110-RTY1 Datasheet HTML 7Page - Texas Instruments CC1110-RTY1 Datasheet HTML 8Page - Texas Instruments CC1110-RTY1 Datasheet HTML 9Page - Texas Instruments CC1110-RTY1 Datasheet HTML 10Page - Texas Instruments CC1110-RTY1 Datasheet HTML 11Page - Texas Instruments CC1110-RTY1 Datasheet HTML 12Page - Texas Instruments CC1110-RTY1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 9 of 202
4
Features (continued from front page)
4.1
High-Performance and Low-Power
8051-Compatible Microcontroller
•
Optimized 8051 core which typically gives
8x the performance of a standard 8051
•
Dual data pointers
•
In-circuit
interactive
debugging
is
supported
for
the
IAR
Embedded
Workbench through a simple two-wire
serial interface
4.2
32 KB Non-volatile Program Memory
and 4 KB Data Memory
•
32 KB of non-volatile Flash memory, in-
system programmable through a simple
two-wire interface or by the 8051 core
•
Worst case flash memory endurance:
1000 write/erase cycles (applies per bit
cell).
•
Programmable read and write lock of
portions of Flash memory for software
security
•
4096 bytes of internal SRAM
4.3
Hardware AES Encryption/Decryption
•
128-bit
AES
supported
in
hardware
coprocessor
4.4
Peripheral Features
•
Powerful DMA Controller
•
Power On Reset
•
Battery monitor
•
Eight channel, 8-14 bit ADC
•
Programmable watchdog timer
•
Real time clock with 32.768 kHz crystal
oscillator
•
Four timers: one general 16-bit timer, two
general 8-bit timers, one MAC timer
•
Two
programmable
USARTs
for
master/slave SPI or UART operation
•
21 configurable general-purpose digital
I/O-pins
•
True random number generator
4.5
Low Power
•
Four flexible power modes for reduced
power consumption
•
Only 0.8 µA current consumption in
standby mode, where external interrupts
or the real-time counter can wake up the
system
•
0.6 µA current consumption in power down
mode, where external interrupts can wake
up the system
•
System can wake up on external interrupt
or real-time counter event
•
Low-power fully static CMOS design
•
System clock source can be 13 MHz RC
oscillator or 26 MHz crystal oscillator. The
26 MHz oscillator is used when the radio is
active.
•
Optional clock source for ultra-low power
operation can be either a low-power RC
oscillator or an optional 32.768 kHz crystal
oscillator
•
Very fast transition from sleep modes to
active enable ultra low average power
consumption in low duty-cycle systems
4.6
UHF Radio with baseband modem
•
Based on the industry leading
CC1100 radio
core
•
Suited for systems compliant with EN 300
220 (Europe) and FCC CFR Part 15 (US)
•
Very few external components: Fully on-
chip frequency synthesizer, no external
filters or RF switch needed
•
Flexible
support
for packet
oriented
systems: On chip support for sync word
detection, address check, flexible packet
length and automatic CRC handling.
•
Programmable channel filter bandwidth
•
OOK and flexible ASK shaping supported
•
2-FSK, GFSK and MSK supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com