Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1110-RTY1 Datasheet(PDF) 25 Page - Texas Instruments

Part # CC1110-RTY1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTY1 Datasheet(HTML) 25 Page - Texas Instruments

Back Button CC1110-RTY1 Datasheet HTML 21Page - Texas Instruments CC1110-RTY1 Datasheet HTML 22Page - Texas Instruments CC1110-RTY1 Datasheet HTML 23Page - Texas Instruments CC1110-RTY1 Datasheet HTML 24Page - Texas Instruments CC1110-RTY1 Datasheet HTML 25Page - Texas Instruments CC1110-RTY1 Datasheet HTML 26Page - Texas Instruments CC1110-RTY1 Datasheet HTML 27Page - Texas Instruments CC1110-RTY1 Datasheet HTML 28Page - Texas Instruments CC1110-RTY1 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 25 of 202
Table 21: Pinout overview
9
Circuit Description
MEMORY
ARBITRATOR
8051 CPU
CORE
DMA
32 KB
FLASH
4 KB
SRAM
FLASH CTRL
DEBUG
INTERFACE
RESET
RESET_N
P2_4
P2_3
P2_2
P2_1
P2_0
P1_4
P1_3
P1_2
P1_1
P1_0
P1_7
P1_6
P1_5
P0_4
P0_3
P0_2
P0_1
P0_0
P0_7
P0_6
P0_5
32.768 kHz
CRYSTAL OSC
26 MHz
CRYSTAL OSC
HIGH SPEED
RC-OSC
LOW PWR
RC-OSC
CLOCK MUX &
CALIBRATION
RAM
USART 0
USART 1
TIMER 1 (16-bit)
TIMER 3 (8-bit)
TIMER 2 (8-bit MAC Timer)
TIMER 4 (8-bit)
AES
ENCRYPTION &
DECRYPTION
WATCHDOG TIMER
RADIO DATA INTERFACE
IRQ
CTRL
FLASH
UNIFIED
AGC
RF_P
RF_N
MODULATOR
DEMODULATOR
POWER ON RESET
RADIO REGISTERS
POWER MGT. CONTROLLER
SLEEP TIMER
CODE
XDATA
DATA
SFR
XOSC_Q2
XOSC_Q1
RECEIVE
CHAIN
TRANSMIT
CHAIN
∆Σ ADC
AUDIO / DC
DIGITAL
ANALOG
MIXED
VDD (2.0 - 3.6 V)
DCOUPL
ON-CHIP VOLTAGE
REGULATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com