Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1110-RTY1 Datasheet(PDF) 3 Page - Texas Instruments

Part # CC1110-RTY1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTY1 Datasheet(HTML) 3 Page - Texas Instruments

  CC1110-RTY1 Datasheet HTML 1Page - Texas Instruments CC1110-RTY1 Datasheet HTML 2Page - Texas Instruments CC1110-RTY1 Datasheet HTML 3Page - Texas Instruments CC1110-RTY1 Datasheet HTML 4Page - Texas Instruments CC1110-RTY1 Datasheet HTML 5Page - Texas Instruments CC1110-RTY1 Datasheet HTML 6Page - Texas Instruments CC1110-RTY1 Datasheet HTML 7Page - Texas Instruments CC1110-RTY1 Datasheet HTML 8Page - Texas Instruments CC1110-RTY1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 3 of 202
Table of Contents
1
ABBREVIATIONS.....................................................................................................................6
2
REFERENCES ...........................................................................................................................8
3
REGISTER CONVENTIONS...................................................................................................8
4
FEATURES (CONTINUED FROM FRONT PAGE).............................................................9
4.1
HIGH-PERFORMANCE AND LOW-POWER 8051-COMPATIBLE MICROCONTROLLER ..................9
4.2
32 KB NON-VOLATILE PROGRAM MEMORY AND 4 KB DATA MEMORY ..................................9
4.3
HARDWARE AES ENCRYPTION/DECRYPTION...........................................................................9
4.4
PERIPHERAL FEATURES ............................................................................................................9
4.5
LOW POWER.............................................................................................................................9
4.6
UHF RADIO WITH BASEBAND MODEM......................................................................................9
5
ABSOLUTE MAXIMUM RATINGS.....................................................................................11
6
OPERATING CONDITIONS .................................................................................................11
7
ELECTRICAL SPECIFICATIONS.......................................................................................12
7.1
GENERAL CHARACTERISTICS .................................................................................................13
7.2
RF RECEIVE SECTION.............................................................................................................14
7.3
RF TRANSMIT SECTION ..........................................................................................................15
7.4
26 MHZ CRYSTAL OSCILLATOR.............................................................................................15
7.5
32.768 KHZ CRYSTAL OSCILLATOR .......................................................................................16
7.6
LOW POWER RC OSCILLATOR................................................................................................16
7.7
HIGH SPEED RC OSCILLATOR ................................................................................................17
7.8
FREQUENCY SYNTHESIZER CHARACTERISTICS.......................................................................17
7.9
ANALOG TEMPERATURE SENSOR ...........................................................................................18
7.10
8-14 BIT ADC.........................................................................................................................18
7.11
CONTROL AC CHARACTERISTICS...........................................................................................19
7.12
SPI AC CHARACTERISTICS.....................................................................................................20
7.13
DEBUG INTERFACE AC CHARACTERISTICS ............................................................................21
7.14
PORT OUTPUTS AC CHARACTERISTICS ..................................................................................21
7.15
TIMER INPUTS AC CHARACTERISTICS....................................................................................22
7.16
DC CHARACTERISTICS ...........................................................................................................22
8
PIN AND I/O PORT CONFIGURATION .............................................................................23
9
CIRCUIT DESCRIPTION ......................................................................................................25
9.1
CPU AND PERIPHERALS .........................................................................................................26
9.2
RADIO ....................................................................................................................................27
10
POWER CONTROL................................................................................................................28
11
APPLICATION CIRCUIT......................................................................................................29
11.1
BIAS RESISTOR .......................................................................................................................29
11.2
BALUN AND RF MATCHING ....................................................................................................29
11.3
CRYSTAL................................................................................................................................29
11.4
POWER SUPPLY DECOUPLING..................................................................................................29
12
8051 CPU...................................................................................................................................32
12.1
8051 CPU INTRODUCTION .....................................................................................................32
12.2
RESET.....................................................................................................................................32
12.3
MEMORY................................................................................................................................32
12.4
SFR REGISTERS......................................................................................................................36
12.5
CPU REGISTERS.....................................................................................................................39
12.6
INSTRUCTION SET SUMMARY .................................................................................................41
12.7
INTERRUPTS ...........................................................................................................................45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com