Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1110-RTY1 Datasheet(PDF) 28 Page - Texas Instruments

Part # CC1110-RTY1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTY1 Datasheet(HTML) 28 Page - Texas Instruments

Back Button CC1110-RTY1 Datasheet HTML 24Page - Texas Instruments CC1110-RTY1 Datasheet HTML 25Page - Texas Instruments CC1110-RTY1 Datasheet HTML 26Page - Texas Instruments CC1110-RTY1 Datasheet HTML 27Page - Texas Instruments CC1110-RTY1 Datasheet HTML 28Page - Texas Instruments CC1110-RTY1 Datasheet HTML 29Page - Texas Instruments CC1110-RTY1 Datasheet HTML 30Page - Texas Instruments CC1110-RTY1 Datasheet HTML 31Page - Texas Instruments CC1110-RTY1 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 28 of 202
10 Power Control
The
CC1110 has four power modes, called PM0,
PM1, PM2 and PM3. PM0 is the active mode
while PM1 to PM3 are low-power modes,
where
PM3
has
the
lowest
power
consumption. The power modes are shown in
Table 22 together with voltage regulator and
oscillator options.
Power
Mode
High speed
oscillator
Low-speed
oscillator
Voltage
regulator
(digital)
A
None
B
26 MHz
XOSC
C
HS
RCOSC
D
Both
A
None
B
Low
power
RCOSC
C
32.768
kHz
XOSC
A
Off
B
On
PM0
B, C, D
B, C
B
PM1
A
B, C
B
PM2
A
B, C
A
PM3
A
A
A
Table 22: Power modes
PM0: The active mode. The voltage regulator
to the digital core is on and either the high
speed RC oscillator or the 26 MHz crystal
oscillator or both are running. Either the low
power RC oscillator or the 32.768 kHz crystal
oscillator is running.
PM1: The voltage regulator to the digital part is
on. Neither the 26 MHz crystal oscillator nor
the high speed RC oscillator is running. Either
the low power RC oscillator or the 32.768 kHz
crystal oscillator is running. The system will go
to PM0 on reset or an external interrupt or
when the sleep timer expires.
PM2: The voltage regulator to the digital core
is turned off. Neither the 26 MHz crystal
oscillator nor the high speed RC oscillator is
running. Either the low power RC oscillator or
the 32.768 kHz crystal oscillator is running.
The system will go to PM0 on reset or an
external interrupt or when the sleep timer
expires.
PM3: The voltage regulator to the digital core
is turned off. None of the oscillators are
running. The system will go to PM0 on reset or
an external interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com