Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1110-RTY1 Datasheet(PDF) 78 Page - Texas Instruments

Part # CC1110-RTY1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTY1 Datasheet(HTML) 78 Page - Texas Instruments

Back Button CC1110-RTY1 Datasheet HTML 74Page - Texas Instruments CC1110-RTY1 Datasheet HTML 75Page - Texas Instruments CC1110-RTY1 Datasheet HTML 76Page - Texas Instruments CC1110-RTY1 Datasheet HTML 77Page - Texas Instruments CC1110-RTY1 Datasheet HTML 78Page - Texas Instruments CC1110-RTY1 Datasheet HTML 79Page - Texas Instruments CC1110-RTY1 Datasheet HTML 80Page - Texas Instruments CC1110-RTY1 Datasheet HTML 81Page - Texas Instruments CC1110-RTY1 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 78 of 202
13.2 DMA Controller
The
CC1110 includes a direct memory access
(DMA) controller, which can be used to relieve
the 8051 CPU core of handling data
movement operations. Thus the
CC1110 can
achieve high overall performance with good
power efficiency. The DMA controller can
move data from a peripheral unit such as ADC
or RF transceiver to memory with minimum
CPU intervention.
The DMA controller module coordinates all
DMA transfers, ensuring that DMA requests
are prioritized appropriately relative to each
other and CPU memory access. The DMA
controller contains a number of programmable
DMA channels for memory-to-memory data
movement.
The DMA controller controls data movement
over the entire XDATA memory space. Since
the SFR registers are mapped into the DMA
memory space these flexible DMA channels
can be used to unburden the 8051 in
innovative ways, e.g. feed a USART with data
from memory, periodically transfer samples
between ADC and memory, produce a desired
I/O waveform by transferring a pattern in
memory to an I/O port output register, etc. Use
of the DMA can also reduce system power
consumption by keeping the CPU in a low-
power mode without having to wake up to
move data to or from a peripheral unit.
The main features of the DMA controller are as
follows:
•
Five independent DMA channels
•
Three configurable levels of DMA
channel priority
•
30 configurable transfer trigger events
•
Independent control of source and
destination address
•
Single, block and repeated transfer
modes
•
Supports variable transfer length by
including the length field in the transfer
data
•
Can operate in either word-size or
byte-size mode
13.2.1 DMA Operation
There are five DMA channels available in the
DMA controller numbered channel 0 to
channel 4. Each DMA channel can move data
from one place within the DMA memory space
to another.
In order to use a DMA channel it must first be
configured as described in sections 13.2.2 and
13.2.3.
Once a DMA channel has been configured it
must be armed before any transfers are
allowed to be initiated. A DMA channel is
armed by setting the appropriate bit in the
DMA Channel Arm register DMAARM.
When a DMA channel is armed a transfer will
begin when the configured DMA trigger event
occurs. There are 30 possible DMA trigger
events, e.g. UART transfer, Timer overflow
etc. The trigger event to be used by a DMA
channel
is
set
by
the
DMA
channel
configuration. The DMA trigger events are
listed in Table 37.
In addition to starting a DMA transfer through
the DMA trigger events, the user software may
force a DMA transfer to begin by setting the
corresponding DMAREQ bit.
Figure 10 shows the DMA state diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com