Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1110-RTY1 Datasheet(PDF) 33 Page - Texas Instruments

Part # CC1110-RTY1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTY1 Datasheet(HTML) 33 Page - Texas Instruments

Back Button CC1110-RTY1 Datasheet HTML 29Page - Texas Instruments CC1110-RTY1 Datasheet HTML 30Page - Texas Instruments CC1110-RTY1 Datasheet HTML 31Page - Texas Instruments CC1110-RTY1 Datasheet HTML 32Page - Texas Instruments CC1110-RTY1 Datasheet HTML 33Page - Texas Instruments CC1110-RTY1 Datasheet HTML 34Page - Texas Instruments CC1110-RTY1 Datasheet HTML 35Page - Texas Instruments CC1110-RTY1 Datasheet HTML 36Page - Texas Instruments CC1110-RTY1 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 33 of 202
program memory, 4 KB SRAM and hardware
registers) is described in section 12.3.2.
12.3.1 Memory Map
This section gives an overview of the memory
map.
The memory map showing how the different
physical memories are mapped into the CPU
memory spaces is given in
Figure 7 and Figure 8.
The memory differs from the standard 8051
memory map in two important aspects, as
described below.
First, in order to allow the DMA controller
access to all physical memory and thus allow
DMA transfers between these areas, all the
physical memories are mapped into a unified
XDATA memory space as shown in
Figure 7.
Secondly, the CODE memory space is
mapped so that all physical memory is
mapped to CODE space, by using a unified
mapping of the CODE memory space.
Details about the mapping of all 8051 memory
spaces are given in the next section.
CC2510 XDATA memory space
Physical memory
4 KB SRAM
Hardware radio
registers
XDATA memory space
DATA
memory space
8051 memory spaces
Non-volatile program memory
32 KB
0x0000
Hardware registers
Fast access RAM
0xFF00
Slow access RAM /
program memoryin RAM
0xF000
0xFFFF
0x0000
0x7FFF
0xFF
0x00
Hardware SFR
registers
0xFEFF
0xDF00
0xDF80
0xDFFF
32 KB Flash
0x0000
0xFFFF
0x7FFF
Unimplemented 55 KB
0x8000
0xDEFF
Unimplemented 1 KB
0xE000
0xEFFF
SFR
memory space
0xFF
0x80
Figure 7: CC1110 XDATA memory space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com