Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1110-RTY1 Datasheet(PDF) 59 Page - Texas Instruments

Part # CC1110-RTY1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTY1 Datasheet(HTML) 59 Page - Texas Instruments

Back Button CC1110-RTY1 Datasheet HTML 55Page - Texas Instruments CC1110-RTY1 Datasheet HTML 56Page - Texas Instruments CC1110-RTY1 Datasheet HTML 57Page - Texas Instruments CC1110-RTY1 Datasheet HTML 58Page - Texas Instruments CC1110-RTY1 Datasheet HTML 59Page - Texas Instruments CC1110-RTY1 Datasheet HTML 60Page - Texas Instruments CC1110-RTY1 Datasheet HTML 61Page - Texas Instruments CC1110-RTY1 Datasheet HTML 62Page - Texas Instruments CC1110-RTY1 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 59 of 202
The second data byte consists of bits 15-8
of the hardware breakpoint.
The third data byte consists of bits 7-0 of
the hardware breakpoint.
12.9.8 Flash Programming
Programming of the on-chip flash is
performed via the debug interface. The
external
host
must
initially
send
instructions using the DEBUG_INSTR
debug command to perform the flash
programming with the Flash Controller as
described in section 13.14 on page 147.
12.10 RAM
The
CC1110 contains static RAM. At power-
on the contents of RAM is undefined. The
RAM size is 4 KB in total. The RAM retains
data in all power modes.
The memory locations 0xFDAA-0xFEFF
consisting of 342 bytes in XDATA memory
do not retain data when power modes
PM2/3 is entered.
12.11 Flash Memory
The on-chip flash memory consists of
32768 bytes. The flash memory is
primarily intended to hold program code.
The flash memory has the following
features:
•
Flash page erase time: 20 ms
•
Flash chip (mass) erase time: 20 ms
•
Flash write time: 20 µs
•
Data retention
1:100 years
•
Program/erase
endurance:
1,000
cycles
The flash memory consists of the Flash
Main Page which is where the CPU reads
program code and data. The flash memory
also contains a Flash Information Page
which contains the Flash Lock Bits. The
Flash Information Page and hence the
Lock Bits is only accessed by first
selecting this page through the Debug
Interface. The Flash Controller (see
section 13.14) is used to write and erase
the contents of the flash memory.
When the CPU reads instructions from
flash
memory,
it
fetches
the
next
instruction
through
a
cache.
The
instruction cache is provided mainly to
reduce power consumption by reducing
the amount of time the flash memory itself
is accessed. The use of the instruction
cache
may
be
disabled
with
the
MEMCTR.CACHDIS register bit.
12.12 Memory Arbiter
The
CC1110 includes a memory arbiter
which handles CPU and DMA access to all
memory space.
A control register MEMCTR is used to
control various aspects of the memory
sub-system. The MEMCTR register is
described in the following.
1 At room temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com