Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1110-RTY1 Datasheet(PDF) 1 Page - Texas Instruments

Part # CC1110-RTY1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTY1 Datasheet(HTML) 1 Page - Texas Instruments

  CC1110-RTY1 Datasheet HTML 1Page - Texas Instruments CC1110-RTY1 Datasheet HTML 2Page - Texas Instruments CC1110-RTY1 Datasheet HTML 3Page - Texas Instruments CC1110-RTY1 Datasheet HTML 4Page - Texas Instruments CC1110-RTY1 Datasheet HTML 5Page - Texas Instruments CC1110-RTY1 Datasheet HTML 6Page - Texas Instruments CC1110-RTY1 Datasheet HTML 7Page - Texas Instruments CC1110-RTY1 Datasheet HTML 8Page - Texas Instruments CC1110-RTY1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 203 page
background image
CC1110
CC1110 PRELIMINARY Data Sheet (Rev. 1.01) SWRS033A
Page 1 of 202
True System-on-Chip with Low Power RF Transceiver and 8051 MCU
Applications
• 315/433/868 and 915 MHz ISM/SRD band
systems
• Low power telemetry
• Home and building automation
• AMR – Automatic Meter Reading
• Wireless alarm and security systems
• RKE – Two-way Remote Keyless Entry
• Consumer Electronics
• Wireless sensor networks
• Industrial monitoring and control
Product Description
The
CC1110 is a low-cost true System-on-Chip
(SoC) device designed for low-power and low-
voltage wireless communication applications.
The
CC1110
combines
the
excellent
performance of the state-of-the-art CC1100
RF transceiver with an industry-standard
enhanced 8051 MCU, 32 KB of in-system
programmable flash memory, 4 KB of RAM
and many other powerful features.
The
CC1110 is highly suited for systems where
very low power consumption is required. This
is ensured by several advanced low-power
operating modes.
The
CC1110 provides a tight integration
between the MCU core, software and the RF
transceiver,
making
this
System-on-Chip
solution easy to use as well as improving
performance.
CC1110 is supported by a powerful integrated
development environment (IDE). In-circuit
interactive debugging is supported for the
industry standard IAR C-SPY IDE via a simple
two-wire serial interface.
CC1110 is based on Chipcon’s SmartRF04®
technology platform in 0.18
µm CMOS.
The data sheet contains preliminary data, and supplementary data will be published at a later date. Chipcon
reserves the right to make changes at any time without notice in order to improve design and supply the best
possible product. The product at this point is not fully qualified.
Key Features
•
High performance and low power 8051
microcontroller core, typically with 8x the
performance per MHz of a standard 8051
•
High-performance RF transceiver core –
same as in the CC1100
•
Frequency bands: 300-348 MHz, 400-464
MHz and 800-928 MHz
•
Programmable data rate up to 500 kbps
•
32 KB in-system programmable flash
•
4 KB RAM
•
8-14 bits ADC with up to eight inputs
•
128-bit AES security coprocessor
•
Powerful DMA functionality
•
Two USARTs / SPI interfaces
•
16-bit timer + three 8-bit timers
•
Hardware debug support
•
21 general I/O pins
•
Wide supply voltage range (2.0V – 3.6V)
•
High sensitivity (–110 dBm at 1.2 kbps)
•
Programmable data rate up to 500 kbps


Similar Part No. - CC1110-RTY1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1110-CC1111 TI1-CC1110-CC1111 Datasheet
3Mb / 249P
Low-Power SoC (System-on-Chip)
CC1110-CC1111DK TI-CC1110-CC1111DK Datasheet
3Mb / 245P
Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110-CC1111DK TI-CC1110-CC1111DK Datasheet
3Mb / 247P
Low-Power SoC (System-on-Chip) with MCU, Memory,Sub-1 GHz RF Transceiver, and USB Controller
CC1110-CC1111DK TI-CC1110-CC1111DK Datasheet
3Mb / 247P
Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110-CC1111DK TI1-CC1110-CC1111DK Datasheet
3Mb / 247P
Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
More results

Similar Description - CC1110-RTY1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CC2510FX ETC1-CC2510FX Datasheet
1Mb / 253P
True System-on-Chip with Low Power RF Transceiver and 8051 MCU
logo
Texas Instruments
CC1110FX TI-CC1110FX Datasheet
2Mb / 243P
Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC2510FX TI-CC2510FX Datasheet
2Mb / 242P
Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510FX TI-CC2510FX_10 Datasheet
2Mb / 244P
Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC1110FX TI-CC1110FX_10 Datasheet
3Mb / 247P
Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F16 TI1-CC1110F16 Datasheet
3Mb / 247P
Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC2510F16 TI1-CC2510F16 Datasheet
2Mb / 244P
Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510F8RHHR TI-CC2510F8RHHR Datasheet
3Mb / 244P
Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC1110F8RHHR TI1-CC1110F8RHHR Datasheet
3Mb / 249P
Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC2510 TI-CC2510_15 Datasheet
3Mb / 245P
Low-Power SoC (System-on-Chip) with MCU, Memory,2.4 GHz RF Transceiver, and USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com