Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1110-RTY1 Datasheet(PDF) 15 Page - Texas Instruments

Part # CC1110-RTY1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTY1 Datasheet(HTML) 15 Page - Texas Instruments

Back Button CC1110-RTY1 Datasheet HTML 11Page - Texas Instruments CC1110-RTY1 Datasheet HTML 12Page - Texas Instruments CC1110-RTY1 Datasheet HTML 13Page - Texas Instruments CC1110-RTY1 Datasheet HTML 14Page - Texas Instruments CC1110-RTY1 Datasheet HTML 15Page - Texas Instruments CC1110-RTY1 Datasheet HTML 16Page - Texas Instruments CC1110-RTY1 Datasheet HTML 17Page - Texas Instruments CC1110-RTY1 Datasheet HTML 18Page - Texas Instruments CC1110-RTY1 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 15 of 202
7.3
RF Transmit Section
TA=25°C, VDD=3.0V if nothing else stated. Measured on Chipcon’s CC1110 EM reference design.
Parameter
Min
Typ
Max
Unit
Condition/Note
Differential load
impedance
TBD
Ω
Follow CC1110EM reference design
Output power,
highest setting
10
dBm
Output power is programmable, and full range is available in all
frequency bands. Output power must be selected to comply
with frequency regulations. Output power is limited to 0 dBm
when ASK is used.
Delivered to a 50
Ω single-ended load via Chipcon reference RF
matching network.
Output power, lowest
setting
–30
dBm
Output power is programmable, and full range is available in all
frequency bands.
Delivered to a 50
Ω single-ended load via Chipcon reference RF
matching network.
Spurious emissions
and harmonics,
433/868MHz
–36
–54
–47
–30
dBm
dBm
dBm
dBm
25MHz – 1GHz
47-74, 87.5-118, 174-230, 470-862MHz
1800MHz-1900MHz (restricted band in Europe), when the
operating frequency is below 900MHz (2
nd harmonic can not fall
within this band when used in Europe)
Otherwise above 1GHz
Spurious emissions,
315/915MHz
-49.2
-41.2
dBm
EIRP
dBm
EIRP
<200
µV/m at 3m below 960MHz.
<500
µV/m at 3m above 960MHz.
Harmonics 315MHz
-20
-41.2
dBc
dBm
2
nd, 3rd and 4th harmonic when the output power is maximum
6mV/m at 3m. (-19.6dBm EIRP)
5
th harmonic
Harmonics 915MHz
-20
-41.2
dBc
dBm
2
nd harmonic
3
rd, 4th and 5th harmonic
Table 7: RF Transmit Parameters
7.4
26 MHz Crystal Oscillator
TA=25°C, VDD=3.0V if nothing else is stated.
Parameter
Min
Typ
Max
Unit
Condition/Note
Crystal frequency
26
26
27
MHz
26 MHz and 27 MHz is supported.
Crystal frequency
accuracy
requirement
±40
ppm
This is the total tolerance including a) initial tolerance, b) ageing
and c) temperature dependence.
The acceptable crystal tolerance depends on RF frequency and
channel spacing / bandwidth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com