Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1110-RTY1 Datasheet(PDF) 200 Page - Texas Instruments

Part # CC1110-RTY1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTY1 Datasheet(HTML) 200 Page - Texas Instruments

Back Button CC1110-RTY1 Datasheet HTML 195Page - Texas Instruments CC1110-RTY1 Datasheet HTML 196Page - Texas Instruments CC1110-RTY1 Datasheet HTML 197Page - Texas Instruments CC1110-RTY1 Datasheet HTML 198Page - Texas Instruments CC1110-RTY1 Datasheet HTML 199Page - Texas Instruments CC1110-RTY1 Datasheet HTML 200Page - Texas Instruments CC1110-RTY1 Datasheet HTML 201Page - Texas Instruments CC1110-RTY1 Datasheet HTML 202Page - Texas Instruments CC1110-RTY1 Datasheet HTML 203Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 200 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 200 of 202
20.1 Package thermal properties
Thermal resistance
Air velocity [m/s]
0
Rth,j-a [K/W]
25.6
Table 54: Thermal properties of QLP 36 package
20.2 Soldering information
The recommendations for lead-free reflow in IPC/JEDEC J-STD-020C should be followed.
20.3 Tray specification
Tray Specification
Package
Tray Length
Tray Width
Tray Height
Units per Tray
QLP 36
322.6 mm
135.9 mm
7.62 mm
490
Table 55: Tray specification
20.4 Carrier tape and reel specification
Carrier tape and reel is in accordance with EIA Specification 481.
Tape and Reel Specification
Package
Carrier Tape
Width
Component
Pitch
Hole Pitch
Reel
Diameter
Reel Hub
Diameter
Units per Reel
QLP 36
16 mm
12 mm
4 mm
13
inches
7 inches
2500
Table 56: Carrier tape and reel specification
21 Ordering Information
Ordering part number
Description
Minimum Order Quantity (MOQ)
1267
CC1110-RTY1
CC1110, QLP36 package, RoHS compliant Pb-free
assembly, trays with 490 pcs per tray. System-on-
Chip RF Transceiver
490
1268
CC1110-RTR1
CC1110, QLP36 package, RoHS compliant Pb-free
assembly, tape and reel with 2500 pcs per reel.
System-on-Chip RF Transceiver
2500
1269
CC1110DK
CC1110 Development Kit
1
Table 57: Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com